Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDP35CA Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDP35CA
Description  Transient protection load dump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP35CA Datasheet(HTML) 2 Page - STMicroelectronics

  LDP35CA Datasheet HTML 1Page - STMicroelectronics LDP35CA Datasheet HTML 2Page - STMicroelectronics LDP35CA Datasheet HTML 3Page - STMicroelectronics LDP35CA Datasheet HTML 4Page - STMicroelectronics LDP35CA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics
LDP35CA
2/5
Doc ID 023358 Rev 1
1
Characteristics
Table 1.
Absolute ratings (limiting values) Tamb = 25 °C unless otherwise stated
Symbol
Parameter
Value
Unit
VPP
Peak pulse load dump overvoltage
Tamb = 85 °C
100
V
P
Power dissipation on infinite heatsink
Tamb = 100 °C
5
W
IFSM
Non repetitive surge peak forward current
tp = 10 ms
200
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating temperature
175
°C
Table 2.
Thermal parameter
Symbol
Parameter
Maximum
Unit
Rth(j-a)
Junction ambient thermal resistance on infinite heatsink
Llead = 10 mm
15
°C/W
Table 3.
Electrical characteristics - parameter definitions (Tamb = 25 °C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IPP
Peak pulse current
C
Capacitance
IRM
Leakage current
Table 4.
Static parameters
Order code
IRM @ VRM
max.
IRM @ VRM
min. at 85 °C.
VCL @ IPP
min.(1)
1.
10/40 ms wave form
ΔT
Typ.(2)
2.
ΔV
BR = aT x (Ta-25°C) x VBR(25°C)
C Typ
VR = 0V
F= 1MHz.
VBR@ IR
min.
µA
V
µA
V
V
A
10-4/°C
pF
V
mA
LDP35CA
5
35
300
35
55
15
9.9
6400
36
1
I
V
IRM
IR
IPP
VBR
VCL
VRM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com