Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2L16080CF2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L16080CF2
Description  80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16080CF2 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L16080CF2 Datasheet HTML 1Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 2Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 3Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 4Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 5Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 6Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 7Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 8Page - STMicroelectronics RF2L16080CF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Typical performances
Table 6. Typical performance (1625 - 1675 MHz)
f (MHz)
P1dB (W)
GPS (dB)
P3dB(W)
ƞD @P3dB (%)
1625
81
18.3
105
57
1650
75
18.4
95
57
1675
68
18.2
88
57
Figure 1. Gain and efficiency vs output power (1625 - 1675 MHz)
GADG160420201218SA
1625 MHz
1650 MHz
1675 MHz
10
20
30
40
50
60
15
16
17
18
19
20
0
10
20
30
40
50
60
70
80
90
100
110
Output power, POUT (W)
GPS
ηD
Note:
VDD = 28 V, IDQ = 400 mA, pulsed CW, pulse width=20 μs, duty cycle=10%.
RF2L16080CF2
Typical performances
DS13222 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com