Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9060C Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST9060C
Description  RF Power LDMOS transistor HF up to 1.5 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9060C Datasheet(HTML) 5 Page - STMicroelectronics

  ST9060C Datasheet HTML 1Page - STMicroelectronics ST9060C Datasheet HTML 2Page - STMicroelectronics ST9060C Datasheet HTML 3Page - STMicroelectronics ST9060C Datasheet HTML 4Page - STMicroelectronics ST9060C Datasheet HTML 5Page - STMicroelectronics ST9060C Datasheet HTML 6Page - STMicroelectronics ST9060C Datasheet HTML 7Page - STMicroelectronics ST9060C Datasheet HTML 8Page - STMicroelectronics ST9060C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4
Typical performance
Figure 2. Power gain and efficiency vs output power and
Idq (VDD = 28 V, fo = 945 MHz)
20
30
40
50
60
70
80
90
12
13
14
15
16
17
18
19
0
20
40
60
80
100
120
Output Power (W)
Idq = 100mA
Idq = 300mA
Idq = 500mA
Idq = 700mA
GADG250120181151IG
Figure 3. Power gain and efficiency vs output power and
VDD (Idq = 300 mA, fo = 945 MHz tuned at VDD = 28 V)
10
20
30
40
50
60
70
80
13
14
15
16
17
18
19
20
0
50
100
150
Output Power (W)
Vdd = 24V
Vdd = 28V
GADG250120181200IG
Figure 4. Output power vs VDD and input power
(Idq = 300 mA, fo = 945 MHz tuned at VDD = 28 V)
40
50
60
70
80
90
100
110
120
130
140
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33
Vdd (V)
Pin = 1.0W
Pin = 1.5W
Pin = 2.0W
Pin = 2.5W
Pin = 3.0W
GADG250120181203IG
Figure 5. Output power vs VGS and input power
(VDD = 28 V, fo = 945 MHz)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
1.0
2.0
3.0
4.0
5.0
Vgs (V)
Pin = 1.0W
Pin = 1.5W
Pin = 2.0W
GADG250120181207IG
ST9060C
Typical performance
DS12437 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com