Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74AVC
Description  2.5V 16-Bit Buffer Driver with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74AVC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PI74AVC+16244
2.5V 16-Bit Buffer Driver
with 3-StateOutputs
5
PS8507A
12/07/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
SwitchingCharacteristics
(Over recommended operating free-air temperature range, unless otherwise noted, see Figures 1 thru 4)
OperatingCharacteristics,TA=25°C
s
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T
V C
C
V
8
.
1
=
V
5
1
.
0
±
V C
C
V
5
.
2
=
V
2
.
0
±
V C
C
V
3
.
3
=
V
3
.
0
±
s
ti
n
U
l
a
c
i
p
y
Tl
a
c
i
p
y
Tl
a
c
i
p
y
T
n
o
it
a
p
i
s
si
D
r
e
w
o
P
d
p
C
e
c
n
a
ti
c
a
p
a
C
d
el
b
a
n
E
st
u
p
t
u
O
CL
,
F
p
0
=
z
H
M
0
1
=
f
3
27
23
3
F
p
d
el
b
a
si
D
st
u
p
t
u
O1
.
01
.
01
.
0
s
r
e
t
e
m
a
r
a
P
m
o
r
F
)t
u
p
n
I
(
o
T
)t
u
p
t
u
O
(
V C
C
V
2
.
1
=
V C
C
V
5
.
1
=
V
1
.
0
±
V C
C
V
8
.
1
=
V
5
1
.
0
±
V C
C
V
5
.
2
=
V
2
.
0
±
V C
C
V
3
.
3
=
V
3
.
0
±
s
ti
n
U
.
p
y
T.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t d
p
AY
1
.
36
.
03
.
37
.
09
.
26
.
09
.
15
.
07
.
1
s
n
t n
e
E
OY
6
.
74
.
18
3
.
18
.
69
.
00
.
47
.
05
.
3
t si
d
E
OY
2
.
77
.
13
.
76
.
12
.
60
.
13
.
40
.
15
.
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com