Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS3311 Datasheet(PDF) 7 Page - Silicon Supplies

Part # CGS3311
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CGS3311 Datasheet(HTML) 7 Page - Silicon Supplies

Back Button CGS3311 Datasheet HTML 2Page - Silicon Supplies CGS3311 Datasheet HTML 3Page - Silicon Supplies CGS3311 Datasheet HTML 4Page - Silicon Supplies CGS3311 Datasheet HTML 5Page - Silicon Supplies CGS3311 Datasheet HTML 6Page - Silicon Supplies CGS3311 Datasheet HTML 7Page - Silicon Supplies CGS3311 Datasheet HTML 8Page - Silicon Supplies CGS3311 Datasheet HTML 9Page - Silicon Supplies CGS3311 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page 7 of 10
www.siliconsupplies.com
CMOS Clock Generator – CGS3311
Rev 1.2
16/09/22
DC Electrical Characteristics (+4.5V ≤ V
CC ≤ +5.5 V, -40°C ≤ TJ ≤ +85°C unless otherwise specified)
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 4.5V
-
-
0.10
OEH = VCC,
DIVA = VIL2,
OEL = VIL1,
DIVB = VIL3
or V½,
IOL = 50 µA
VCC = 5.5V
-
-
0.10
V
VCC = 4.5V
-
-
0.44
OEH = VCC,
DIVA, DIVB =
GND,
OEL = GND,
IOL = 48 mA
VCC = 5.5V
-
-
0.44
V
Low level output
voltage
(OUT)
VOL1
OEH = VCC,
DIVA, DIVB =
GND,
OEL = GND,
IOL = 75 mA
3
VCC = 5.5V
-
-
1.65
V
VCC = 4.5V
-
-
0.74
Low level output
voltage, low drive
(OSC_OUT)
VOL2
OSC_IN = VCC
OSC_DR = 0V,
IOL = 150 µA
VCC = 5.5V
-
-
0.74
V
VCC = 4.5V
-
-
0.74
Low level output
voltage, medium drive
(OSC_OUT)
VOL3
OSC_IN,
OSC_DR =VCC,
IOL = 600 µA
VCC = 5.5V
-
-
0.74
V
OSC_DR
=2.25V
-
-
0.74
Low level output
voltage, high drive
(OSC_OUT)
VOL4
OSC_IN = VCC,
IOL = 1 mA
OSC_DR
=2.75V
-
-
0.74
V
Minimum Dynamic
Output Current
IOL
VOL = 1.65V
VCC = 5.5V
75
-
-
mA
Positive input
clamp voltage
VIC+
IIN = 9 mA
VCC = 4.5V
-
-
5.7
V
Negative input
clamp voltage
VIC-
IIN = -9 mA
VCC = 4.5V
-
-
-1.2
V
Input current high
(
DIVA,DIVB,OSC_DR)
IIH
VIN = 5.5V
VCC = 5.5V
150
-
380
µA
Input current low
(DIVB, OSC_DR)
IIL
VIN = 0V
VCC = 5.5V
-150
-
-380
µA
Input current high
(OEL)
IIH
VIN = 5.5V
VCC = 5.5V
50
-
175
µA
Input current low
(OEH)
IIL
VIN = 0V
VCC = 5.5V
-50
-
-175
µA
Input current low
(DIVA, OEL)
IIL
VIN = 0V
VCC = 5.5V
-
-
-6
µA
Input current high
(OEH)
IIH
VIN = 5.5V
VCC = 5.5V
-
-
6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com