Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF4502C Datasheet(PDF) 3 Page - Anachip Corp

Part # AF4502C
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF4502C Datasheet(HTML) 3 Page - Anachip Corp

  AF4502C Datasheet HTML 1Page - Anachip Corp AF4502C Datasheet HTML 2Page - Anachip Corp AF4502C Datasheet HTML 3Page - Anachip Corp AF4502C Datasheet HTML 4Page - Anachip Corp AF4502C Datasheet HTML 5Page - Anachip Corp AF4502C Datasheet HTML 6Page - Anachip Corp AF4502C Datasheet HTML 7Page - Anachip Corp AF4502C Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AF4502C
P & N-Channel 30-V (D-S) MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Jul 20, 2004
3/8
Specifications (T
A=25ºC unless otherwise noted)
Limits
Symbol
Parameter
Test Conditions
Ch
Min.
Typ.
Max.
Unit
Dynamic
N
-
12
19
Qg
Total Gate Charge
P
-
13
26
N
-
3.3
-
Qgs
Gate-Source Charge
P
-
5.8
-
N
-
4.5
-
Qgd
Gate-Drain Charge
N-Channel
VDS=15V, VGS=4.5V
ID=10A
P-Channel
VDS=-15V, VGS=-4.5V
ID=-10A
P
-
12
-
nC
Switching
N
-
20
30
td(on)
Turn-On Delay Time
P
-
15
26
N
-
9
20
tr
Rise Time
P
-
16
21
N
-
70
102
td(off)
Turn-Off Delay Time
P
-
62
108
N
-
20
81
tf
Fall-Time
N-Channel
VDD=15, VGS=10V
ID=1A, RGEN=25Ω
P-Channel
VDD=-15, VGS=-10V
ID=-1A, RGEN=15Ω
P
46
71
nS
Note 3: Pulse test: PW < 300us duty cycle < 2%.
Note 4: Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com