Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1P35S12M3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # A1P35S12M3
Description  ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1P35S12M3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A1P35S12M3 Datasheet HTML 7Page - STMicroelectronics A1P35S12M3 Datasheet HTML 8Page - STMicroelectronics A1P35S12M3 Datasheet HTML 9Page - STMicroelectronics A1P35S12M3 Datasheet HTML 10Page - STMicroelectronics A1P35S12M3 Datasheet HTML 11Page - STMicroelectronics A1P35S12M3 Datasheet HTML 12Page - STMicroelectronics A1P35S12M3 Datasheet HTML 13Page - STMicroelectronics A1P35S12M3 Datasheet HTML 14Page - STMicroelectronics A1P35S12M3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 7. Document revision history
Date
Revision
Changes
02-May-2016
1
Initial release.
24-Aug-2017
2
Updated title, features, description and Table 1: "Device summary" in cover page.
Updated Section 1: "Electrical ratings". Added Section 2: "Electrical characteristics
curves", Section 3: "Test circuits", Section 4: "Topology and pin description" and
Section 5: "Package information".
Minor text changes.
02-Oct-2017
3
Document status promoted from preliminary data to production data.
Updated Table 7: "ACEPACK™ 1 package" and Section 2: "Electrical
characteristics curves".
Minor text changes.
16-Feb-2018
4
Updated features and removed maturity status indication from cover page.
Updated Figure 13. Inverter diode thermal impedance and Figure 14. IGBT thermal
impedance.
Updated Figure 21. ACEPACK™ 1 sixpack solder pins package outline
(dimensions are in mm).
Minor text changes
14-Nov-2018
5
Added Figure 6. IGBT collector current vs case temperature.
Minor text changes
A1P35S12M3
DS11635 - Rev 5
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com