Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1P50S65M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # A1P50S65M2
Description  ACEPACKTM 1 sixpack topology, 650 V, 50 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1P50S65M2 Datasheet(HTML) 2 Page - STMicroelectronics

  A1P50S65M2 Datasheet HTML 1Page - STMicroelectronics A1P50S65M2 Datasheet HTML 2Page - STMicroelectronics A1P50S65M2 Datasheet HTML 3Page - STMicroelectronics A1P50S65M2 Datasheet HTML 4Page - STMicroelectronics A1P50S65M2 Datasheet HTML 5Page - STMicroelectronics A1P50S65M2 Datasheet HTML 6Page - STMicroelectronics A1P50S65M2 Datasheet HTML 7Page - STMicroelectronics A1P50S65M2 Datasheet HTML 8Page - STMicroelectronics A1P50S65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
Electrical ratings
1.1
IGBT
Limiting values at TJ = 25 °C, unless otherwise specified.
Table 1. Absolute maximum ratings of the IGBT
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0 V)
650
V
IC
Continuous collector current (TC = 100 °C)
50
A
ICP(1)
Pulsed collector current (tp = 1 ms)
100
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total power dissipation of each IGBT (TC = 25 °C, TJ = 175 °C)
208
W
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
1. Pulse width limited by maximum junction temperature.
Table 2. Electrical characteristics of the IGBT
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
IC = 1 mA, VGE = 0 V
650
V
VCE(sat)
(terminal)
Collector-emitter
saturation voltage
VGE = 15 V, IC= 50 A
1.95
2.3
V
VGE = 15 V, IC = 50 A, TJ = 150 ˚C
2.3
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
100
µA
IGES
Gate-emitter leakage
current
VCE = 0 V, VGE = ± 20 V
± 500
nA
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
4150
pF
Coes
Output capacitance
170
pF
Cres
Reverse transfer
capacitance
80
pF
Qg
Total gate charge
VCC = 520 V, IC = 50 A,
VGE = ±15 V
150
nC
td(on)
Turn-on delay time
VCC = 300 V, IC = 50 A,
RG = 6.8 Ω, VGE = ±15 V,
di/dt = 2400 A/µs
143
ns
tr
Current rise time
16.5
ns
Eon(1)
Turn-on switching energy
0.140
mJ
td(off)
Turn-off delay time
VCC = 300 V, IC = 50 A,
RG = 6.8 Ω, VGE = ±15 V,
dv/dt = 7600 V/µs
112
ns
tf
Current fall time
149
ns
Eoff(2)
Turn-off switching energy
1.45
mJ
A1P50S65M2
Electrical ratings
DS12332 - Rev 3
page 2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com