Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2P75S12M3-F Datasheet(PDF) 7 Page - STMicroelectronics

Part # A2P75S12M3-F
Description  ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2P75S12M3-F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A2P75S12M3-F Datasheet HTML 3Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 4Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 5Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 6Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 7Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 8Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 9Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 10Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 7. Switching energy vs gate resistance
IGBT191020171351SLG
14
12
10
8
6
4
2
0
0
10
20
30
40
E
(mJ)
RG (Ω)
VCC = 600 V, IC = 75 A, VGE = ±15 V
EON (TJ =150°C)
EOFF (TJ =25°C)
EON (TJ =25°C)
EOFF (TJ =150°C)
Figure 8. Switching energy vs gate resistance
IGBT191020171351SLG
14
12
10
8
6
4
2
0
0
10
20
30
40
E
(mJ)
RG (Ω)
VCC = 600 V, IC = 75 A, VGE = ±15 V
EON (TJ =150°C)
EOFF (TJ =25°C)
EON (TJ =25°C)
EOFF (TJ =150°C)
Figure 9. IGBT reverse biased safe operating area
(RBSOA)
IGBT191020171358OC175
70
60
50
40
30
20
10
0
0
300
600
900
IC
(A)
VCE (V)
TJ = 125 °C, VGE = ±15 V, RG = 10 Ω
Figure 10. Diode forward characteristics (terminal)
IGBT191020171401DVF
125
100
75
50
25
0
0
1
2
3
4
IF
(A)
VF (V)
TJ = 150 °C
TJ = 25 °C
Figure 11. Diode reverse recovery energy vs diode current
slope
IGBT191020171402RRE
5.5
4.5
3.5
2.5
1.5
0.5
600
1000
1400
1800
Erec
(mJ)
di/dt (A/µs)
VCE = 600 V, VGE = ±15 V, IF = 75 A
TJ = 150 °C
TJ = 25 °C
Figure 12. Diode reverse recovery energy vs forward
current
IGBT191020171408RRE
6
5
4
3
2
1
0
10
30
50
70
90
110 130 150
Erec
(mJ)
IF (A)
VCE = 600 V, VGE = ±15 V, RG = 10 Ω
TJ = 150 °C
TJ = 25 °C
A2P75S12M3-F
Electrical characteristics curves
DS11656 - Rev 5
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com