Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2P75S12M3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # A2P75S12M3
Description  ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2P75S12M3 Datasheet(HTML) 2 Page - STMicroelectronics

  A2P75S12M3 Datasheet HTML 1Page - STMicroelectronics A2P75S12M3 Datasheet HTML 2Page - STMicroelectronics A2P75S12M3 Datasheet HTML 3Page - STMicroelectronics A2P75S12M3 Datasheet HTML 4Page - STMicroelectronics A2P75S12M3 Datasheet HTML 5Page - STMicroelectronics A2P75S12M3 Datasheet HTML 6Page - STMicroelectronics A2P75S12M3 Datasheet HTML 7Page - STMicroelectronics A2P75S12M3 Datasheet HTML 8Page - STMicroelectronics A2P75S12M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Electrical ratings
1.1
IGBT
Limiting values at TJ = 25 °C, unless otherwise specified.
Table 1. Absolute maximum ratings of the IGBT
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
1200
V
IC
Continuous collector current (TC = 100 °C)
75
A
ICP (1)
Pulsed collector current (tp = 1 ms)
150
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total power dissipation of each IGBT (TC = 25 °C, TJ = 175 °C)
454.5
W
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
1. Pulse width limited by maximum junction temperature.
Table 2. Electrical characteristics of the IGBT
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
IC = 1 mA, VGE = 0 V
1200
V
VCE(sat)
(terminal)
Collector-emitter
saturation voltage
VGE = 15 V, IC= 75 A
1.95
2.3
V
VGE = 15 V, IC = 75 A,
TJ = 150 ˚C
2.3
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current VGE = 0 V, VCE = 1200 V
100
µA
IGES
Gate-emitter leakage
current
VCE = 0 V, VGE = ± 20 V
± 500
nA
Cies
Input capacitance
VCE = 25 V, f = 1 MHz, VGE = 0 V
4700
pF
Coes
Output capacitance
350
pF
Cres
Reverse transfer
capacitance
190
pF
Qg
Total gate charge
VCC = 960 V, IC = 75 A, VGE = ±15 V
350
nC
td(on)
Turn-on delay time
VCC = 600 V, IC = 75 A, RG = 10 Ω,
VGE = ±15 V, di/dt = 1900 A/µs
198
ns
tr
Current rise time
32
ns
Eon (1)
Turn-on switching
energy
3.59
mJ
A2P75S12M3
Electrical ratings
DS11655 - Rev 6
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com