Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIB20M60S-L Datasheet(PDF) 19 Page - STMicroelectronics

Part # STGIB20M60S-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60S-L Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STGIB20M60S-L Datasheet HTML 15Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 16Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 17Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 18Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 19Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 20Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 21Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 22Page - STMicroelectronics STGIB20M60S-L Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
SDIP2B-26L type L2 package information
Figure 16. SDIP2B-26L type L2 package outline
8450802_7_type_L2_IGBT
STGIB20M60S-L
Package information
DS12604 - Rev 5
page 19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com