Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIB30M60S-L Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGIB30M60S-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB30M60S-L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGIB30M60S-L Datasheet HTML 10Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 11Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 12Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 13Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 14Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 15Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 16Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 17Page - STMicroelectronics STGIB30M60S-L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
5
Temperature monitoring solution
5.1
TSO output
The device integrates a temperature sensor. A voltage proportional to the die temperature is available on the TSO
pin. When this function is not used, the pin can be left floating.
Figure 7. VTSO output characteristics vs LVIC temperature
IGBT110820161234TSO
2.8
2.2
1.6
1.0
0.4
0
25
50
75
100
VTSO
(V)
T (°C)
Min
Max
Typ
STGIB30M60S-L
Temperature monitoring solution
DS12605 - Rev 4
page 14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com