Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIB1060DM2T-LZ Datasheet(PDF) 15 Page - STMicroelectronics

Part # STIB1060DM2T-LZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 180 mΩ typ., 10 A, 600 V Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIB1060DM2T-LZ Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STIB1060DM2T-LZ Datasheet HTML 11Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 12Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 13Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 14Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 15Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 16Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 17Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 18Page - STMicroelectronics STIB1060DM2T-LZ Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Figure 8. NTC resistance vs temperature
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
125
GIPG120520142249FSR
R(kΩ)
T(°C)
Min
Max
Typ
Figure 9. NTC resistance vs temperature - zoom
0
5
10
15
20
25
30
50
60
70
80
90
100
110
120
GIPG120520141304FSR
T(°C)
R(kΩ)
Min
Max
Typ
STIB1060DM2T-LZ
NTC thermistor
DS13941 - Rev 1
page 15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com