Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIB1560DM2-L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STIB1560DM2-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIB1560DM2-L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STIB1560DM2-L Datasheet HTML 7Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 8Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 9Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 10Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 11Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 12Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 13Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 14Page - STMicroelectronics STIB1560DM2-L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Figure 5. UVLO timing (without contribution of the RC network on SD)
GIPG120520141644FSR
4.1
Smart shutdown function
The device integrates a comparator committed to the fault sensing function. The comparator input can be
connected to an external shunt resistor in order to implement a simple overcurrent detection function.
The output signal of the comparator is fed to an integrated MOSFET with the open drain output available on the
SD input. When the comparator triggers, the device is set in shutdown state and its outputs are all set to low level.
STIB1560DM2-L
Smart shutdown function
DS13085 - Rev 1
page 11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com