Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIB1560DM2T-L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STIB1560DM2T-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIB1560DM2T-L Datasheet(HTML) 2 Page - STMicroelectronics

  STIB1560DM2T-L Datasheet HTML 1Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 2Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 3Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 4Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 5Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 6Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 7Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 8Page - STMicroelectronics STIB1560DM2T-L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1
Internal schematic and pin description
Figure 1. Internal schematic diagram and pin configuration
NC (1)
VbootU (2)
VbootV (3)
VbootW (4)
HinU (5)
HinV (6)
HinW (7)
VccH (8)
GND (9)
LinU (10)
LinV (11)
LinW (12)
VccL (13)
SD / OD (14)
Cin (15)
GND (16)
TSO (17)
(26) T1
(25) T2
(24) P
23 (U)
(22) V
(21) W
(20) NU
(19) NV
(18) NW
H-side
L-side
GADG240420171352IG
STIB1560DM2T-L
Internal schematic and pin description
DS12125 - Rev 3
page 2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com