Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIB1560DM2T-LZ Datasheet(PDF) 18 Page - STMicroelectronics

Part # STIB1560DM2T-LZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIB1560DM2T-LZ Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STIB1560DM2T-LZ Datasheet HTML 14Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 15Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 16Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 17Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 18Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 19Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 20Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 21Page - STMicroelectronics STIB1560DM2T-LZ Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
7
Electrical characteristics (curves)
Figure 11. Output characteristics
GIPG100920180949OCH
24
18
12
6
0
0
1
2
3
4
ID
(A)
VDS (V)
VCC = 15 V
TJ = 25 °C
TJ = 150 °C
Figure 12. Diode VSD vs drain current
GADG100920180951DVF
1.0
0.8
0.6
0.4
0.2
0.0
0
6
12
18
24
VSD
(V)
ID (A)
TJ = 25 °C
TJ = 150 °C
VIN =0 V
Figure 13. ID vs temperature
GIPG100920180956IDT
15
12
9
6
3
0
0
25
50
75
100 125 150
ID
(A)
TC (°C)
VCC = 15 V, TJ ≤ 150
℃
Figure 14. EON switching energy vs drain current
GADG100920181005SDC
3.6
2.7
1.8
0.9
0.0
0
6
12
18
24
EON
(mJ)
ID (A)
VDD = 300 V, VCC = Vboot 15 V
TJ = 150 °C
TJ = 25 °C
Figure 15. EOFF switching energy vs drain current
GADG100920181007SDCoff
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
6
12
18
24
EOFF
(mJ)
ID (A)
VDD = 300 V, VCC = Vboot 15 V
TJ = 150 °C
TJ = 25 °C
Figure 16. Thermal impedance
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
10 0
K
GIPD290720151032FSR
t p (s)
STIB1560DM2T-LZ
Electrical characteristics (curves)
DS13556 - Rev 1
page 18/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com