Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPNS1M50T-H Datasheet(PDF) 21 Page - STMicroelectronics

Part # STIPNS1M50T-H
Description  SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPNS1M50T-H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STIPNS1M50T-H Datasheet HTML 15Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 16Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 17Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 18Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 19Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 20Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 21Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 22Page - STMicroelectronics STIPNS1M50T-H Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Revision history
Table 16. Document revision history
Date
Revision
Changes
13-Apr-2017
1
Initial release.
08-Jan-2018
2
Datasheet status promoted from preliminary to production data.
Updated features on cover page.
Updated Table 3: "Inverter part", Table 5: "Total system", Table 6: "Thermal data" and Table
13: "Sense comparator characteristics".
Updated Section 6.1: "NSDIP-26L package information".
19-Aug-2019
3
Removed maturity status indication from cover page.
Updated Section 2 Electrical ratings.
Updated Table 8. Low voltage power supply and Table 10. Logic inputs.
Updated Section 4 Shutdown function.
Updated Section 5.1 Guidelines.
Updated Section 6.1 NSDIP-26L package information.
Minor text changes.
STIPNS1M50T-H
DS12106 - Rev 3
page 21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com