Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIPNS2M50T-H Datasheet(PDF) 19 Page - STMicroelectronics

Part # STIPNS2M50T-H
Description  SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPNS2M50T-H Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STIPNS2M50T-H Datasheet HTML 15Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 16Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 17Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 18Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 19Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 20Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 21Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 22Page - STMicroelectronics STIPNS2M50T-H Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Table 15. NSDIP-26L package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
3.45
A1
0.10
0.25
A2
3.00
3.10
3.20
A3
1.10
1.30
1.50
b
0.47
0.57
b1
0.45
0.50
0.55
b2
0.63
0.67
c
0.47
0.57
c1
0.45
0.50
0.55
D
29.05
29.15
29.25
D1
0.70
D2
0.45
D3
0.90
D4
29.65
E
12.35
12.45
12.55
E1
16.70
17.00
17.30
E2
0.35
e
1.70
1.80
1.90
e1
2.40
2.50
2.60
L
1.24
1.39
1.54
L1
1.00
1.15
1.30
L2
0.25 BSC
L3
2.275 REF
R1
0.25
0.40
0.55
R2
0.25
0.40
0.55
S
0.39
0.55
ϴ
0°
8°
ϴ1
3° BSC
ϴ2
10°
12°
14°
STIPNS2M50T-H
NSDIP-26L package information
DS12102 - Rev 3
page 19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com