Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2001 Datasheet(PDF) 2 Page - International Rectifier

Part # IP2001
Description  Synchronous Buck Multiphase Optimized BGA Power Block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2001 Datasheet(HTML) 2 Page - International Rectifier

  IP2001 Datasheet HTML 1Page - International Rectifier IP2001 Datasheet HTML 2Page - International Rectifier IP2001 Datasheet HTML 3Page - International Rectifier IP2001 Datasheet HTML 4Page - International Rectifier IP2001 Datasheet HTML 5Page - International Rectifier IP2001 Datasheet HTML 6Page - International Rectifier IP2001 Datasheet HTML 7Page - International Rectifier IP2001 Datasheet HTML 8Page - International Rectifier IP2001 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.irf.com
2
iP2001
All specifications @ 25°C (unless otherwise specified)
Measurement were made using four 10uF (TDK C3225X7R1C106M or equiv.) capacitors across the input (see
Fig. 8).
Not associated with the rise and fall times. Does not affect Power Loss (see Fig. 9).
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Supply Voltage
V
DD
4.6
5.0
5.5
V
Input Voltage Range
V
IN
3.0
-
12.6
V
Output Voltage Range
V
OUT
0.9
-
3.3
V
see Figs. 2 & 4
Output Current Range
I
OUT
--
20
A
see Fig. 2
Operating Frequency
fsw
150
-
1000
kHz
see Figs. 2 & 5
Operating Duty Cycle
D
-
-
85
%
Recommended Operating Conditions :
Absolute Maximum Ratings :
Electrical Specifications @ V
DD = 5V (unless otherwise specified) :
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Block Power Loss
P
BLK
-
3.1
3.8
W
V
IN = 12V, VOUT = 1.6V,
Turn On Delay
t
d(on)
-63
-
I
OUT = 20A, fSW = 500kHz
Turn Off Delay
t
d(off)
-26
-
V
IN Quiescent Current
I
Q-VIN
-
-
1.0
mA
Enable = 0V, V
IN = 12V
V
DD Quiescent Current
I
Q-VDD
--
10
µA
Enable = 0V, V
DD = 5V
Under Voltage Lockout
UVLO
Start Threshold
V
START
4.2
4.4
4.5
V
Hysteresis
V
Hys-UVLO
-
.05
-
Enable
Enable
Input Voltage High
V
IH
2.0
-
-
V
Input Voltage Low
V
IL
-
-
0.8
Power Ready
PRDY
Logic Level High
V
OH
4.5
4.6
-
V
V
DD = 4.6V, ILoad = 10mA
Logic Level Low
V
OL
-
0.1
0.2
V
DD < UVLO Threshold, ILoad = 1mA
PWM nput
PWM
Logic Level High
V
OH
2.0
-
-
V
Logic Level Low
V
OL
-
-
0.8
ns
Parameter
Min
Typ
Max
Units
Conditions
V
IN to PGND
-
-
16
V
V
DD to SGND
-
-
6.0
V
PWM to SGND
-0.3
-
V
DD+0.3
V
not to exceed 6.0V
Enable to SGND
-0.3
-
V
DD+0.3
V
not to exceed 6.0V
Output RMS Current
-
-
20
A
Storage Temperature
-40
-
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com