Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U637256 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # U637256
Description  CapStore 32K x 8 nvSRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U637256 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button U637256 Datasheet HTML 3Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 4Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 5Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 6Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 7Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 8Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 9Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 10Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
U637256
7
March 31, 2006
STK Control #ML0054
Rev 1.0
Nonvolatile Memory Operations
Mode Selection
E
W
A13 - A0
(hex)
Mode
I/O
Power
Note
s
H
X
X
Not Selected
Output High Z
Standby
L
H
X
Read SRAM
Output Data
Active
m
L
L
X
Write SRAM
Input Data
Active
L
H
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k, l
L
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k, l
k:
The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles. See STORE cycle and RECALL
cycle tables and diagrams for further details.
The following six-address sequence is used for testing purposes and should not be used: 0E38, 31C7, 03E0, 3C1F, 303F, 339C.
l:
While there are 15 addresses on the U637256, only the lower 14 are used to control software modes.
Activation of nonvolatile cycles does not depend on the state of G.
m: I/O state assumes that G
≤ V
IL.
No.
PowerStore
Power Up RECALL
Symbol
Conditions
Min.
Max.
Unit
Alt.
IEC
24
Power Up RECALL Durationn
tRESTORE
650
μs
25
STORE Cycle Durationf, e
tPDSTORE
10
ms
26
Time allowed to Complete SRAM
Cyclef
tDELAY
1
μs
Low Voltage Trigger Level
VSWITCH
4.0
4.5
V
n:
tRESTORE starts from the time VCC rises above VSWITCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com