Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6399D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6399D
Description  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6399D Datasheet HTML 7Page - STMicroelectronics L6399D Datasheet HTML 8Page - STMicroelectronics L6399D Datasheet HTML 9Page - STMicroelectronics L6399D Datasheet HTML 10Page - STMicroelectronics L6399D Datasheet HTML 11Page - STMicroelectronics L6399D Datasheet HTML 12Page - STMicroelectronics L6399D Datasheet HTML 13Page - STMicroelectronics L6399D Datasheet HTML 14Page - STMicroelectronics L6399D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID030402 Rev 2
11/18
L6399
Bootstrap driver
18
7
Bootstrap driver
A bootstrap circuitry is needed to supply the high voltage section. This function is normally
accomplished by a high voltage fast recovery diode (Figure 6). In the L6399 device
a patented integrated structure replaces the external diode. It is realized by a high voltage
DMOS, driven synchronously with the low-side driver (LVG), with a diode in series, as
shown in Figure 7. An internal charge pump (Figure 7) provides the DMOS driving voltage.
CBOOT selection and charging
To choose the proper CBOOT value the external MOS can be seen as an equivalent
capacitor. This capacitor CEXT is related to the MOS total gate charge:
Equation 1
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss.
It has to be:
Equation 2
CBOOT >>> CEXT
E.g.: if Qgate is 30 nC and Vgate is 10 V, CEXT is 3 nF. With CBOOT = 100 nF the drop would be
300 mV.
If HVG has to be supplied for a long time, the CBOOT selection has to take into account also
the leakage and quiescent losses.
E.g.: HVG steady state consumption is lower than 190
A, so if HVG TON is 5 ms, CBOOT
has to supply CEXT with 1 C. This charge on a 1 F capacitor means a voltage drop of 1 V.
The internal bootstrap driver gives a great advantage: the external fast recovery diode can
be avoided (it usually has a high leakage current).
This internal diode can work only if VOUT is close to GND (or lower) and in the meanwhile
the LVG is on. The charging time (Tcharge) of the CBOOT is the time in which both conditions
are fulfilled and it has to be long enough to charge the capacitor.
The bootstrap driver introduces a voltage drop due to the equivalent resistance of the
internal diode RDSon (typical value: 120 ). At low frequency this drop can be neglected.
Anyway increasing the frequency it must be taken in to account.
The following equation is useful to compute the drop on the bootstrap DMOS:
Equation 3
where Qgate is the gate charge of the external power MOS.
CEXT
Qgate
Vgate
--------------
=
Vdrop
Ich e
arg
R
BOOT
Vdrop
Qgate
Tch e
arg
------------------
R
DSon
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com