Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6494 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6494
Description  High voltage high and low-side 2 A gate driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6494 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6494 Datasheet HTML 3Page - STMicroelectronics L6494 Datasheet HTML 4Page - STMicroelectronics L6494 Datasheet HTML 5Page - STMicroelectronics L6494 Datasheet HTML 6Page - STMicroelectronics L6494 Datasheet HTML 7Page - STMicroelectronics L6494 Datasheet HTML 8Page - STMicroelectronics L6494 Datasheet HTML 9Page - STMicroelectronics L6494 Datasheet HTML 10Page - STMicroelectronics L6494 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID030317 Rev 2
7/18
L6494
Electrical characteristics
18
4
Electrical characteristics
Table 5. Electrical characteristics (VCC = 15 V; TJ = +25 °C; PGND = SGND)
Symbol
Pin
Parameter
Test condition
Min. Typ. Max. Unit
Low-side section supply
VCC_hys
VCC vs.
SGND
VCC UV hysteresis
-
0.5
0.6
0.72
V
VCC _thON
VCC UV turn ON threshold
-
8.7
9.3
9.8
V
VCC _thOFF
VCC UV turn OFF threshold
-
8.2
8.7
9.2
V
IQCCU
Undervoltage quiescent supply
current
VCC = SD = 7 V
IN = SGND
-
135
200
A
IQCC
Quiescent current
VCC = 15 V
SD = 5 V; IN = SGND
-
490
700
A
High-side floating section supply(1)
VBO_hys
BOOT vs.
OUT
VBO UV hysteresis
-
0.48
0.6
0.7
V
VBO_thON
VBO UV turn ON threshold
-
8.0
8.6
9.1
V
VBO_thOFF
VBO UV turn OFF threshold
-
7.5
8.0
8.5
V
IQBOU
Undervoltage VBO quiescent
current
VBO = SD = 7 V
IN = SGND
-20
30
A
IQBO
VBO quiescent current
VBO = 15 V
SD = IN = 5 V
-90
120
A
ILK
High-voltage leakage current
Vhvg = Vout = Vboot = 600 V
-
-
8
A
RDS(on)
Bootstrap diode on-resistance(2)
-
-
175
-
Output driving buffers
ISO
LVG, HVG
High/low-side source short-circuit
current
LVG/HVG ON
TJ = 25 °C
1.6
2
-
A
Full temperature range(3)
1.25
-
-
A
ISI
High/low-side sink short-circuit
current
LVG/HVG ON
TJ = 25 °C
22.5
-
A
Full temperature range(3)
1.55
-
-
A
Logic inputs
Vil
IN, SD vs.
SGND
Low level logic threshold voltage
-
0.95
-
1.45
V
Vih
High level logic threshold voltage
-
2
-
2.5
V
IINh
IN vs.
SGND
IN logic “1” input bias current
IN = 15 V
120
200
260
A
IINl
IN logic “0” input bias current
IN = 0 V
-
-
1
A
ISDh
SD vs.
SGND
SD logic “1” input bias current
SD = 15 V
-
-
1
A
ISDl
SD logic “0” input bias current
SD = 0 V
14
17
23
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com