Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498DTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6498DTR
Description  High voltage high and low-side 2 A gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6498DTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6498DTR Datasheet HTML 9Page - STMicroelectronics L6498DTR Datasheet HTML 10Page - STMicroelectronics L6498DTR Datasheet HTML 11Page - STMicroelectronics L6498DTR Datasheet HTML 12Page - STMicroelectronics L6498DTR Datasheet HTML 13Page - STMicroelectronics L6498DTR Datasheet HTML 14Page - STMicroelectronics L6498DTR Datasheet HTML 15Page - STMicroelectronics L6498DTR Datasheet HTML 16Page - STMicroelectronics L6498DTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID030318 Rev 3
13/20
L6498
Bootstrap driver
20
For example: using a power MOS with a total gate charge of 30 nC the drop on the
bootstrap DMOS is about 1 V, if the Tcharge is 5 s. In fact:
Equation 4
Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop
is too high, or the circuit topology doesn’t allow a sufficient charging time, an external diode
can be used.
Figure 9. Bootstrap driver with external high voltage fast recovery diode
Vdrop
30nC
5
s
--------------- 175
 1V
=
TO LOAD
H.V.
HVG
LVG
CBOOT
DBOOT
BOOT
VCC
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com