Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498LD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6498LD
Description  High voltage high and low-side 2 A gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6498LD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6498LD Datasheet HTML 3Page - STMicroelectronics L6498LD Datasheet HTML 4Page - STMicroelectronics L6498LD Datasheet HTML 5Page - STMicroelectronics L6498LD Datasheet HTML 6Page - STMicroelectronics L6498LD Datasheet HTML 7Page - STMicroelectronics L6498LD Datasheet HTML 8Page - STMicroelectronics L6498LD Datasheet HTML 9Page - STMicroelectronics L6498LD Datasheet HTML 10Page - STMicroelectronics L6498LD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID030318 Rev 3
7/20
L6498
Electrical characteristics
20
4
Electrical characteristics
Table 5. Electrical characteristics (VCC = 15 V; TJ = +25 °C; PGND = SGND
Symbol
Pin
Parameter
Test condition
Min. Typ. Max. Unit
Low-side section supply
VCC_hys
VCC vs.
(S)GND
VCC UV hysteresis
-
0.5
0.6
0.72
V
VCC _thON
VCC UV turn ON threshold
-
8.7
9.3
9.8
V
VCC _thOFF
VCC UV turn OFF threshold
-
8.2
8.7
9.2
V
IQCCU
Undervoltage quiescent supply
current
VCC = 7 V
LIN = GND; HIN = GND
-160
210
µA
IQCC
Quiescent current
VCC = 15 V
LIN = 5 V; HIN = GND
-340
480
µA
High-side floating section supply(1)
VBO_hys
BOOT vs.
OUT
VBO UV hysteresis
-
0.48
0.6
0.7
V
VBO_thON
VBO UV turn ON threshold
-
8.0
8.6
9.1
V
VBO_thOFF
VBO UV turn OFF threshold
-
7.5
8.0
8.5
V
IQBOU
Undervoltage VBO quiescent
current
VBO = 7 V
LIN = GND; HIN = 5 V
-20
30
µA
IQBO
VBO quiescent current
VBO = 15 V
LIN = GND; HIN = 5 V
-90
120
µA
ILK
-
High voltage leakage current
Vhvg = VOUT = VBOOT = 600 V
-
-
8
µA
RDS(on)
-
Bootstrap diode on resistance(2) --
175
-
Output driving buffers
Iso
LVG, HVG
High/low-side source short-
circuit current
LVG/HVG ON
TJ = 25 °C
1.7
2
-
A
Full temperature range
1.4
-
-
A
Isi
High/low-side sink short-circuit
current
LVG/HVG ON
TJ = 25 °C
22.5
-
A
Full temperature range
1.55
-
-
A
Logic inputs
Vil
LIN, HIN
vs. (S)GND
Low level logic threshold
voltage
-
0.95
-
1.45
V
Vih
High level logic threshold
voltage
-2
-
2.5
V
IHINh
HIN vs.
(S)GND
HIN logic “1” input bias current
HIN = 15 V
120
200
260
µA
IHINl
HIN logic “0” input bias current
HIN = 0 V
-
-
1
µA
ILINl
LIN vs.
(S)GND
LIN logic “1” input bias current
LIN = 15 V
120
200
260
µA
ILINh
LIN logic “0” input bias current
LIN = 0 V
-
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com