Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498LDTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6498LDTR
Description  High voltage high and low-side 2 A gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6498LDTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6498LDTR Datasheet HTML 4Page - STMicroelectronics L6498LDTR Datasheet HTML 5Page - STMicroelectronics L6498LDTR Datasheet HTML 6Page - STMicroelectronics L6498LDTR Datasheet HTML 7Page - STMicroelectronics L6498LDTR Datasheet HTML 8Page - STMicroelectronics L6498LDTR Datasheet HTML 9Page - STMicroelectronics L6498LDTR Datasheet HTML 10Page - STMicroelectronics L6498LDTR Datasheet HTML 11Page - STMicroelectronics L6498LDTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
L6498
8/20
DocID030318 Rev 3
Figure 5. Timing
RPD
LIN, HIN
vs. (S)GND
Logic inputs pull-down resistor
-
58
75
125
k
Dynamic characteristics (see Figure 5)
ton
HIN vs.
HVG;
LIN vs.
LVG
High/low-side driver turn-on
propagation delay
VOUT = 0 V;
VBOOT = VCC;
CL = 1 nF;
Vi = 0 to 3.3 V
-85
120
ns
toff
High/low-side driver turn-off
propagation delay
-85
120
ns
MT
-
Delay matching, HS and LS
turn-on/off(3)
--
-
30
ns
tr
LVG, HVG
Rise time
CL = 1 nF
-
25
-
ns
tf
Fall time
CL = 1 nF
-
25
-
ns
1. VBO = VBOOT - VOUT.
2. RDSON is tested in the following way:
RDSON = [(VCC - VBOOT1) - (VCC - VBOOT2)] / [I1 (VCC, VBOOT1) - I2(VCC, VBOOT2)]
where I1 is BOOT pin current when VBOOT = VBOOT1, I2 when VBOOT = VBOOT2.
3. MT = max. (|ton (LVG) - toff (LVG)|, |ton (HVG) - toff (HVG)|, |toff (LVG) - ton (HVG)|, |toff (HVG) - ton (LVG)|).
Table 5. Electrical characteristics (VCC = 15 V; TJ = +25 °C; PGND = SGND (continued)
Symbol
Pin
Parameter
Test condition
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com