Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-1206SA-R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-1206SA-R
Description  SF-1206SA-R SeriesAutomotive Grade SMD Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206SA-R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-1206SA-R Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206SA-R Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206SA-R Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206SA-R Datasheet HTML 4Page - Bourns Electronic Solutions SF-1206SA-R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF-1206SA-R Series – Automotive Grade SMD Fuses
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
1
0.1
0.01
0.001
100
10
0.01
0.001
0.1
1
1000
CURRENT (A)
TIME (SECONDS)
1000
100
10
20 A
15 A
10 A
12 A
20 A
15 A
12 A
10 A
Average Pre-Arcing Time vs. Current Curves
Average I2t vs. t Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com