Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL76 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2CL76
Description  Fast recovery high voltage diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2CL76 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2CL76 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2CL76 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL76 DO-312
1/ 2
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
Fast recovery high voltage diodes
Reverse Voltage – 18kV
Forward Current –10mA
FEATURES
Supersmall size
High reliability
High speed switching
MECHANICAL DATA
Case: Molded Plastic Body
Epoxy meets UL 94V-0 flammability rating
Terminals: Pure tin plated leads, solderable per J-STD-
002and JESD22-B102, E3 suffix for consumer grade, meet
JESD201class 1A whisker test.
Polarity: Color band denotes cathode end
DO-312
Maximum rating (Ta=25°C unless otherwise noted)
Parameter
Symbol
2CL76
Unit
Repetitive peak reverse voltage
VRRM
18
KV
Non-Repetitive peak reverse voltage
VRSM
22
KV
Average forward
current
60HZ half-sine wave,
Resistance load, Ta=25°C
IF(AV)
10
mA
Surge(Non-
repetitive)forward
current
60HZ half-sine
wave,1cycle,Ta=25°C
IFSM
0.5
A
Peak forward voltage IFM=10mA
VFM
50
V
Peak reverse current
VRM=VRRM
Ta=25°C
IRRM
2
5
μA
Ta=100°C
Reverse recovery time IF=2mA,IRM=4mA
Trr
0.08
uS
Operating ambient temperature
Ta
-40 ~ +100
°C
Storage Temperature Range
Tstg
-40 ~ +120
°C
Virtual junction temperature
T(vj)
120
°C


Similar Part No. - 2CL76

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL76 EDI-2CL76 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL76 GETEDZ-2CL76 Datasheet
78Kb / 1P
5mA 18kV HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
2CL76 SUNMATE-2CL76 Datasheet
205Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL76 GETEDZ-2CL76 Datasheet
638Kb / 2P
High Voltage Silicon Rectifier Diode
logo
SiPower Inc.
2CL76 SIPOWER-2CL76 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
More results

Similar Description - 2CL76

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
HVRP-1000-1C DEC-HVRP-1000-1C Datasheet
420Kb / 2P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
SiPower Inc.
2CL70 SIPOWER-2CL70 Datasheet
67Kb / 2P
Fast Recovery High Voltage Diodes
2CL75 SIPOWER-2CL75 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
logo
Rectron Semiconductor
R8000H RECTRON-R8000H Datasheet
134Kb / 4P
Fast Recovery High Voltage Diodes
R10000H RECTRON-R10000H Datasheet
90Kb / 4P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL11 YFWDIODE-2CL11 Datasheet
560Kb / 3P
Fast Recovery High Voltage Diodes
2CL60 YFWDIODE-2CL60 Datasheet
400Kb / 2P
Fast recovery high voltage diodes
2CL72 YFWDIODE-2CL72 Datasheet
353Kb / 2P
Fast recovery high voltage diodes
DD1000 YFWDIODE-DD1000 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
DD900 YFWDIODE-DD900 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com