Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD2000 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD2000
Description  Single-Chip Worldwide iDTV Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2000 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD2000 Datasheet HTML 2Page - STMicroelectronics STD2000 Datasheet HTML 3Page - STMicroelectronics STD2000 Datasheet HTML 4Page - STMicroelectronics STD2000 Datasheet HTML 5Page - STMicroelectronics STD2000 Datasheet HTML 6Page - STMicroelectronics STD2000 Datasheet HTML 7Page - STMicroelectronics STD2000 Datasheet HTML 8Page - STMicroelectronics STD2000 Datasheet HTML 9Page - STMicroelectronics STD2000 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STD2000 Pin List
STD2000
6/11
2
STD2000 Pin List
2.1
General Package Information
The STD2000 is delivered in a 745-ball BGA package.
Table 1: BGA Package Information
Package Type
MCM-BGA
Body Size
40 x 40
mm
Ball Count
745
Balls
Ball Pitch
1.27
mm
Ball Matrix
31 x 31 (5-row perimeter)
Balls
Center Matrix
15 x 15
Balls
Figure 4: STD2000 Package Overview
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
C21
C22
C23
C24
C25
C26
C27
C28
C29
C30
C31
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D30
D31
E1
E2
E3
E4
E5
E6
E7
E8
E9
E10
E11
E12
E13
E14
E15
E16
E17
E18
E19
E20
E21
E22
E23
E24
E25
E26
E27
E28
E29
E30
E31
F1
F2
F3
F4
F5
F27
F28
F29
F30
F31
G1
G2
G3
G4
G5
G27
G28
G29
G30
G31
H1
H2
H3
H4
H5
H27
H28
H29
H30
H31
J1
J2
J3
J4
J5
J9
J10
J11
J12
J13
J14
J15
J16
J17
J18
J19
J20
J21
J22
J23
J27
J28
J29
J30
J31
K1
K2
K3
K4
K5
K9
K10
K11
K12
K13
K14
K15
K16
K17
K18
K19
K20
K21
K22
K23
K27
K28
K29
K30
K31
Feed_Back 2.5V
L1
L2
L3
L4
L5
L9
L10
L11
L12
L13
L14
L15
L16
L17
L18
L19
L20
L21
L22
L23
L27
L28
L29
L30
L31
M1
M2
M3
M4
M5
M9
M10
M11
M12
M13
M14
M15
M16
M17
M18
M19
M20
M21
M22
M23
M27
M28
M29
M30
M31
N1
N2
N3
N4
N5
N9
N10
N11
N12
N13
N14
N15
N16
N17
N18
N19
N20
N21
N22
N23
N27
N28
N29
N30
N31
P1
P2
P3
P4
P5
P9
P10
P11
P12
P13
P14
P15
P16
P17
P18
P19
P20
P21
P22
P23
P27
P28
P29
P30
P31
R1
R2
R3
R4
R5
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
R20
R21
R22
R23
R27
R28
R29
R30
R31
T1
T2
T3
T4
T5
T9
T10
T11
T12
T13
T14
T15
T16
T17
T18
T19
T20
T21
T22
T23
T27
T28
T29
T30
T31
U1
U2
U3
U4
U5
U9
U10
U11
U12
U13
U14
U15
U16
U17
U18
U19
U20
U21
U22
U23
U27
U28
U29
U30
U31
V1
V2
V3
V4
V5
V9
V10
V11
V12
V13
V14
V15
V16
V17
V18
V19
V20
V21
V22
V23
V27
V28
V29
V30
V31
W1
W2
W3
W4
W5
W9
W10
W11
W12
W13
W14
W15
W16
W17
W18
W19
W20
W21
W22
W23
W27
W28
W29
W30
W31
Y1
Y2
Y3
Y4
Y5
Y9
Y10
Y11
Y12
Y13
Y14
Y15
Y16
Y17
Y18
Y19
Y20
Y21
Y22
Y23
Y27
Y28
Y29
Y30
Y31
AA1
AA2
AA3
AA4
AA5
AA9
AA10
AA11
AA12
AA13
AA14
AA15
AA16
AA17
AA18
AA19
AA20
AA21
AA22
AA23
AA27
AA28
AA29
AA30
AA31
Audio
AB1
AB2
AB3
AB4
AB5
AB9
AB10
AB11
AB12
AB13
AB14
AB15
AB16
AB17
AB18
AB19
AB20
AB21
AB22
AB23
AB27
AB28
AB29
AB30
AB31
AC1
AC2
AC3
AC4
AC5
AC9
AC10
AC11
AC12
AC13
AC14
AC15
AC16
AC17
AC18
AC19
AC20
AC21
AC22
AC23
AC27
AC28
AC29
AC30
AC31
AD1
AD2
AD3
AD4
AD5
AD27
AD28
AD29
AD30
AD31
AE1
AE2
AE3
AE4
AE5
AE27
AE28
AE29
AE30
AE31
AF1
AF2
AF3
AF4
AF5
AF27
AF28
AF29
AF30
AF31
AG1
AG2
AG3
AG4
AG5
AG6
AG7
AG8
AG9
AG10
AG11
AG12
AG13
AG14
AG15
AG16
AG17
AG18
AG19
AG20
AG21
AG22
AG23
AG24
AG25
AG26
AG27
AG28
AG29
AG30
AG31
AH1
AH2
AH3
AH4
AH5
AH6
AH7
AH8
AH9
AH10
AH11
AH12
AH13
AH14
AH15
AH16
AH17
AH18
AH19
AH20
AH21
AH22
AH23
AH24
AH25
AH26
AH27
AH28
AH29
AH30
AH31
AJ1
AJ2
AJ3
AJ4
AJ5
AJ6
AJ7
AJ8
AJ9
AJ10
AJ11
AJ12
AJ13
AJ14
AJ15
AJ16
AJ17
AJ18
AJ19
AJ20
AJ21
AJ22
AJ23
AJ24
AJ25
AJ26
AJ27
AJ28
AJ29
AJ30
AJ31
AK1
AK2
AK3
AK4
AK5
AK6
AK7
AK8
AK9
AK10
AK11
AK12
AK13
AK14
AK15
AK16
AK17
AK18
AK19
AK20
AK21
AK22
AK23
AK24
AK25
AK26
AK27
AK28
AK29
AK30
AK31
AL1
AL2
AL3
AL4
AL5
AL6
AL7
AL8
AL9
AL10
AL11
AL12
AL13
AL14
AL15
AL16
AL17
AL18
AL19
AL20
AL21
AL22
AL23
AL24
AL25
AL26
AL27
AL28
AL29
AL30
AL31
YCL
System 2
Analog In Ref
Supply 3.3VA
Supply 1.8VA (4)
Supply 1.8V (4)
Analog Out Ref
COMs
Denc
Analog In
TS2 In
PIOs
Scan
Analog out
TS1 In
COMs
Audio
System1
D1 In
3.3V Supply
(4)
Power supply
feedback 2
2.5V Analog
Supply (6)
LMI 1
LMI 2
EMI
2.5V Supply
3.3V
Supply
(NC)
CI
D1 out



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com