Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM5105ALA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM5105ALA
Description  Low-cost interactive set-top box decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM5105ALA Datasheet(HTML) 1 Page - STMicroelectronics

  STM5105ALA Datasheet HTML 1Page - STMicroelectronics STM5105ALA Datasheet HTML 2Page - STMicroelectronics STM5105ALA Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
March 2005
STM5105
Low-cost interactive set-top box decoder
Rev. 1
DESCRIPTION
STMicroelectronics sets a new standard for
perfomance, price and integration in the single
chip MPEG-2 set-top box decoder market with the
introduction of the STM5105.
This highly integrated solution targets mass
market STBs, offers increased performance over
earlier devices, and includes many features to
further reduce costs, including a unified memory
architecture.
The STM5105 features the ST20 CPU that is
standard across the OMEGA range but boosts the
clock speed to 200 MHz which, when combined
with the 2D graphics engine, gives the new device
outstanding graphics performances.
Targeting low-cost, single tuner STB applications,
the STM5105’s DDR memory interface both
reduces system costs and minimises overall
system latency, ensuring the new device can
support the most demanding interactive TV
applications and middlewares.
The integration of VCXO and audio DACs ensures
that manufacturers using the STM5105 cut their
bill of materials and significantly simplify board
design and assembly.
STM5105 is supplied in either 24 mm x 24 mm
LQFP216 or 23 mm x 23 mm BGA package.
Figure 1. STM5105 low-cost interactive set-top box
xxxx
STV0360
COFDM
+ tuner
STV0297
QAM demodulator
+ tuner
STV0299
and STB6000
tuner
STV0299
and STB6000
tuner
STV0297
STV0360
QAM demodulator
+ tuner
COFDM
+ tuner
OR
STM5105
Audio
buffer
Video
buffer
DRAM
Smart
card
NOR
Flash
IR
RX/TX


Similar Part No. - STM5105ALA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51005A SIEMENS-STM51005A Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51005G SIEMENS-STM51005G Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM5105ALA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STM5118 STMICROELECTRONICS-STM5118 Datasheet
202Kb / 3P
Low-cost interactive FTA set-top box decoder
Rev. 1
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STM7710 STMICROELECTRONICS-STM7710 Datasheet
363Kb / 23P
Single-chip, low-cost HD set-top box decoder
25-Aug-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7141 STMICROELECTRONICS-STI7141 Datasheet
79Kb / 6P
HD decoder for interactive digital cable set-top box
09-Sep-2008
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
STI5167 STMICROELECTRONICS-STI5167 Datasheet
67Kb / 8P
Low-cost interactive set-top box with advanced features
10-Apr-2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com