Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5105-REF/T Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5105-REF/T
Description  Low-cost interactive set-top box decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5105-REF/T Datasheet(HTML) 2 Page - STMicroelectronics

  STI5105-REF/T Datasheet HTML 1Page - STMicroelectronics STI5105-REF/T Datasheet HTML 2Page - STMicroelectronics STI5105-REF/T Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STM5105
2/3
FEATURES
s
Enhanced ST20 32-bit VL-RISC CPU
– 200 MHz, single cycle cache, 4 Kbyte
instruction cache, 4 Kbyte data cache, 2
Kbyte SRAM
s
Unified memory interface
– Up to133 MHz,16-bit wide DDR interface
s
Programmable flash memory interface
– SRAM, peripheral, Flash, SFlash™ support
– Support for low-cost DVB-CI and ATAPI
s
Programmable transport interface (PTI)
– Single transport stream input
– Support for DVB transport streams
– Integrated DVB, ICAM descramblers
s
MPEG-2 MP@ML video decoder
– Fully programmable horizontal and vertical
SRCs
s
Graphics/display
– Advanced blitter base compositor
– 8 bpp CLUT graphics, 256 x 30 bits (AYCbCr)
CLUT entries
– 16 bpp true color graphics, RGB565,
ARGB1555, ARGB4444 formats with link-list
control
– Alpha blending, antialiasing, antiflutter,
antiflicker filters
– 2D paced blitter engine with fill function
s
PAL/NTSC/SECAM encoder
– RGB, CVBS, Y/C and YUV outputs with four
10-bit DAC outputs. RGB/CVBS or
YUV/CVBS or YC/CVBS
– Encoding of CGMS, Teletext, WSS, VPS,
close caption
s
Audio subsystem
– MPEG-1 layers I/II
– Simultaneous MPEG audio decode and
output of Dolby streams on S/PDIF
– IEC958/IEC1937 digital audio output
interface
– Integrated stereo audio DAC system
s
Central DMA controller
s
On-chip peripherals
– Two ASCs (UARTs) with Tx and Rx FIFOs
– Three 8-bit banks of parallel I/O and one 7-bit
bank
– One smartcard interface and clock generator
– Two SSCs for I²C/SPI master/slave
interfaces
– Infrared transmitter/receiver
– Integrated VCXO
– Low-power/RTC/watchdog controller
s
JTAG/TAP interface
s
Package 24 mm x 24 mm LQFP216 or
23 mm x 23 mm BGA.
PART NUMBERING
Table 1. Order codes
Part Number
Description
STM5105ALA
Low-cost MPEG decoder for basic free-to-air applications supporting MHEG5 and MHP middleware
STB5105-MB/NS
Development platform
STi5105-REF/S
Satellite reference design (STM5105 decoder + STV0299B NIM)
STi5105-REF/T
Terrestrial reference design (STM5105 decoder + STV0360 NIM)
STB5105-REF/C
Cable reference design (STB5105 decoder + STV0297 NIM)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com