Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS411P Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SS411P
Description  Low-cost Digital Bipolar Hall-effect Sensor ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS411P Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SS411P Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Sensing and Productivity Solutions
Low-cost Digital Bipolar Hall-effect Sensor ICs,
SS41F, SS41G
Figure 1. Magnetic Performance vs Temperature (Vsupply = 12 Vdc)
Figure 2. Current Sinking Ouptut Block Diagram
Table 3. SS41F, SS41G Absolute Maximum Specifications
Characteristic
Min.
Typ.
Max.
Unit
Supply voltage
-50.0
—
50.0
V
Applied output voltage
-0.5
—
50.0
V
Output current
—
—
20
mA
Magnetic flux
—
—
no limit
Gauss
Figure 3. Wiring Diagrams
NOTICE
Absolute maximum ratings are the extreme limits the device will momentarily withstand without damage to the device. Electrical
and mechanical characteristics are not guaranteed if the rated voltage and/or currents are exceeded, nor will the device
necessarily operate at absolute maximum ratings.
13 Vdc
+
-
+13 Vdc
R
47 k
Relay
Coil
R1
680
2N3638
PNP
Transistor
100 mA
10 Vdc
+
+15 Vdc
R1
47 k
R
750
PNP
Transistor
SCR
HI
LOW
Load
Sensor
IC
5 Vdc
+
+15 Vdc
R
4.7 k
R1
1.8 k
PNP
Transistor
TRIAC
HI
LOW
Load
R
R
R
R
5 Vdc
-
5 Vdc
R
10 k
TTL or
DTL Gate
5 Vdc
+
-
+ 5 Vdc
R
47 k
R1
550
2N3638
PNP
Transistor
50 mA
5 Vdc
+
-
+10 Vdc
R
1.2 k
2N2222
NPN
Transistor
Load
150 mA
+DC
R
100
AC
LED
Sensor
IC
Sensor
IC
Sensor
IC
Sensor
IC
Sensor
IC
Hall
Sensor IC
Trigger
Circuit
and Amplifier
Vsupply (+)
Output (O)
Ground (-)
-40
[-40]
Ambient Temperature (°C [°F])
-20
[-4]
0
[32]
40
[104]
60
[140]
100
[212]
120
[248]
80
[176]
140
[284]
-250
-200
-150
-100
-50
0
50
100
150
Operate max.
Release min.
Operate typ.
Release typ.
200
250
160
[320]
20
[68]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com