Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR-80VD-H-R Datasheet(PDF) 3 Page - FOTEK CONTROLS CO., LTD.

Part # ESR-80VD-H-R
Description  Solid State Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

ESR-80VD-H-R Datasheet(HTML) 3 Page - FOTEK CONTROLS CO., LTD.

  ESR-80VD-H-R Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. ESR-80VD-H-R Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. ESR-80VD-H-R Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. ESR-80VD-H-R Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. ESR-80VD-H-R Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
05
■
Specification【Rated current corresponding to Resistive load】
Type
型式
Standard type / 標準型
Model
型號
SSR - 10DA
SSR - 25DA
SSR - 40DA
SSR - 50DA
SSR - 75DA
Rated current
額定電流
10A max.
25A max.
40A max
50A max.
75A max
I2t for fuse
熔斷電流
144A2S
259A2S
664A2S
518A2S
1328A2S
Surge current
耐突波電流
135A
275A
410A
550A
820A
Peak voltage
耐突波電壓
1200VAC min.
Output voltage
輸出電壓
24 ~ 380VAC
Type
型式
High voltage type / 高壓型
Model
型號
SSR - 10DA-H
SSR - 25DA-H
SSR - 40DA-H
SSR - 50DA-H
SSR - 75DA-H
Rated current
額定電流
10A max.
25A max.
40A max
50A max.
75A max
I2t for fuse
熔斷電流
144A2S
259A2S
664A2S
518A2S
1328A2S
Surge current
耐突波電流
135A
275A
410A
550A
820A
Peak voltage
耐突波電壓
1200VAC min.
Output voltage
輸出電壓
90 ~ 480VAC
General specification / 共同規格
Input voltage
輸入電壓
4 ~ 32 VDC
Turn off voltage
關閉電壓
<
3.5 VDC
Trigger current
觸發電流
12.0mA max.
Control method
控制方式
Zero cross
Leakage current
洩漏電流
5 mA max.
Response time
反應時間
8.3 ms(60Hz)
Input immunity
輸入耐突波
2 KV(EN61000-4-4)
Isolation strength
電介強度
4 KVrms(EN60950/VDE0805)
Insulation strength
絕緣強度
100MΩ / 500VDC(EN60950/VDE0805)
Housing material
外殼材質
防火
ABS(UL: 94V0)
Circumstance
工作環境
-40℃ ~ +80℃;35 ~ 85%RH
■
Outline dimension / 外形尺寸
■
Connection / 接線圖
Single phase DC to AC Solid State Module



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com