Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZR-10DA-H-R Datasheet(PDF) 4 Page - FOTEK CONTROLS CO., LTD.

Part # EZR-10DA-H-R
Description  Solid State Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

EZR-10DA-H-R Datasheet(HTML) 4 Page - FOTEK CONTROLS CO., LTD.

  EZR-10DA-H-R Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. EZR-10DA-H-R Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. EZR-10DA-H-R Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. EZR-10DA-H-R Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. EZR-10DA-H-R Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
28
■
How to use Heat sink & Cooling Fan for HPR series /
如何使用散熱器及冷卻風扇
Line current
(
Average current
/ 平均電流)
Heat sink
Cooling fan
IL < 5 Amps
Non-required
Non-required
IL <12 Amps
HS-50H
Non-required
IL <25 Amps
HS-ESR-60
Non-required
IL 25 Amps
HS-ESR-60
Required
Heat sink (HS-50H)
■
Notice of use / 使用注意事項
1> To protect the solid state module against a short-circuit of the load, please use a fuse with a
I2t value < 1/2 I2t
value specified.
請加裝快速保險絲(
I2t value 小於額定值的一半),以防止因負載短路而造成固態模組燒毀。
2> The thermal conductive silicone rubber or thermal grease is required
When the solid state module is mounted on a heat sink
本固態模組加裝散熱器時務必墊高導熱系數的矽膠片或散熱膏【導熱系數(K)>4.5】。
3> The rated current is corresponding to a resistive load, if the solid state module is applied in other loads,
Please consider the inrush current at turn on and the surge voltage at turn off.
本固態模組所標示的額定電流是以電阻性負載為準,如果使用在其他負載上須考慮起動電流及關機突波。
*
Electric discharge lamps: Those loads have the「inrush current」at turn on and the「surge voltage」at turn off,
please use「high voltage type」on 220VAC mains.
電子起動式燈具(如日光燈):須考慮起動電流及關機突波,220VAC電源系統請選用「高壓型」。
*
Incandescent lamp: The rated current of the module must be over 4 times of the incandescent lamp current.
炙熱燈泡(如IR燈管): 須考慮起動電流,固態模組的額定電流須大於炙熱燈泡電流的「四倍」。
*
Three phase motors: The rated current of the s module must be over 4 times of the three phase motor average
current .
三相馬達:須考慮起動電流,固態模組的額定電流須大於三相馬達平均電流的「四倍」。
*
Transformer loads: The rated current of the module must be over 10 times of the transformer current.
變壓器負載:須考慮反電動電流,固態模組的額定電流須大於變壓負載電流的「十倍」。
*
Capacitor loads, the rated current of the module must be over 3 times of the capacitor current .
電容性負載:須考慮充電瞬間電流,固態模組的額定電流須大於電容性負載電流的「三倍」。
■
Notice of safety / 安全注意事項
Warning
Potentially hazardous situation, if mishandling, may result in death or serious injury.
潛在危險,如果操作失當可能導致死亡或嚴重傷害。
1> Please do not touch any terminal of this module while power supply is supplied, if do, it may result in electronic shock.
送電中,請勿碰觸本固態模組任何接線端子以避免觸電。
2> 「Power supply system」must to be shutdown before renew the fuse, if not, it may result in electronic shock.
更換保險絲前,請務必關閉電源系統以避免觸電。
3> Please rated the load current within the specified value, if not, it may result to burn up this module or fuse.
負載電流請勿超過額定電流,以避免保險絲或本固態模組燒毀。
4> Please tighten the screw terminal over 100kg-cm, if not, it may result to burn up this module or fuse.
請務必鎖緊端子螺絲,扭力須超過100kg-cm,否則可能導致本固態模組或保險絲燒毀。
5> If this module is burned up, it may be in short circuit condition or malfunction, Please settle an independent alarm
system to ensure safety protection, if not, it may result in a serious accident.
本固態模組燒毀後可能是短路或失控狀態,請加裝獨立警報系統以確保安全, 否則可能造成嚴重意外事故。
Single phase PCB type Solid State Module
Notice of use for Solid State Module
35Kg/cm2
35Kg/cm2
>



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com