Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZR-25DA-H-R Datasheet(PDF) 5 Page - FOTEK CONTROLS CO., LTD.

Part # EZR-25DA-H-R
Description  Solid State Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

EZR-25DA-H-R Datasheet(HTML) 5 Page - FOTEK CONTROLS CO., LTD.

  EZR-25DA-H-R Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. EZR-25DA-H-R Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. EZR-25DA-H-R Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. EZR-25DA-H-R Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. EZR-25DA-H-R Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
H type
H type Rail bracket(HS-BR-1)
Standard type
29
■
How to use Heat sink & Cooling Fan for ESR series / 如何使用散熱器及冷卻風扇
Model
Length(L mm)
Current duration
PCS for SSR
HS-50H
50.0
10A max.
Single
HS-100H
100.0
20A max.
Twice
HS-150H
150.0
30A max.
Three
HS-200H
200.0
- - -
Four
Model
Length(L mm)
Current duration
PCS for SSR
HS-50
50.0
15A max.
Single
HS-100
100.0
30A max.
Twice
HS-150
150.0
50A max.
Three
HS-200
200.0
- - -
Four
HS-250
250.0
- - -
Five
Line current
(
Average current
/ 平均電流)
Heat sink
Cooling fan
Calculating of Line current
線電流計算
IL < 5 Amps
Non-required
Non-required
IL <10 Amps
HS-ESR-100
Non-required
IL >10 Amps
HS-ESR-100
Required
*
Model of Heat sink: HS-ESR-100 *Outline of cooling fan: 80mm x 80mm
IL = W ÷(√3 x VL x cosθ)
IL = W ÷(√3 x VL x cosθ)
VL: Line voltage; cosθ: Power factor
Heat Sink



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com