Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S15903SP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2S15903SP
Description  Sound Controller with Surround and AGC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15903SP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2S15903SP Datasheet HTML 4Page - Renesas Technology Corp R2S15903SP Datasheet HTML 5Page - Renesas Technology Corp R2S15903SP Datasheet HTML 6Page - Renesas Technology Corp R2S15903SP Datasheet HTML 7Page - Renesas Technology Corp R2S15903SP Datasheet HTML 8Page - Renesas Technology Corp R2S15903SP Datasheet HTML 9Page - Renesas Technology Corp R2S15903SP Datasheet HTML 10Page - Renesas Technology Corp R2S15903SP Datasheet HTML 11Page - Renesas Technology Corp R2S15903SP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
R2S15903SP
Preliminary
Rev.1.4 Dec 06, 2005 page 9 of 11
Example: If the volume of the Lch is set to –28dB, the Data byte is transmitted as follows:
BIT
Sub
address
D7
D6
D5
D4
D3
D2
D1
D0
00H
0
0
1
0
1
0
0
0
<2> Input Selector (Sub Address: 02H)
Input selector
REC1
REC2
Input
D7
D6
D5
D4
D3
All OFF
0
0
0
A
A
IN1
0
0
1
A
A
IN2
0
1
0
A
A
IN3
0
1
1
A
A
IN4
1
0
0
1
A
IN5
1
0
1
A
1
If A=0 means REC1 or REC2 output ON, then A=1 means REC1 or REC2 output OFF.
<3> Output Gain (Sub Address: 02H)
Output gain
Gain
D2
0dB
0
+4.5dB
1
<4> Mute Function (Sub Address: 02H)
Lch
Rch
Mute
D1
D0
Mute ON
0
0
Mute OFF
1
1
<5> Surround Mode (Sub Address: 03H)
Surround level
Surround level
D2
Low level
0
High level
1
<6> Mode Selector (Sub Address: 03H)
Mode selector
Mode
D1
D0
Bypass
0
0
Tone
0
1
Tone & Pseudo stereo
1
0
Tone & Surround
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com