Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4436 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4436
Description  Adjustable 0.6V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4436 Datasheet(HTML) 6 Page - STMicroelectronics

  TS4436 Datasheet HTML 1Page - STMicroelectronics TS4436 Datasheet HTML 2Page - STMicroelectronics TS4436 Datasheet HTML 3Page - STMicroelectronics TS4436 Datasheet HTML 4Page - STMicroelectronics TS4436 Datasheet HTML 5Page - STMicroelectronics TS4436 Datasheet HTML 6Page - STMicroelectronics TS4436 Datasheet HTML 7Page - STMicroelectronics TS4436 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Mechanical Data
TS4436
6/8
4
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
SC70 P
ackage
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
39.4
b
0.15
0.30
5.9
11.8
C
0.10
0.18
3.9
7.1
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.35
45.3
53.1
e
.65
25.6
e1
1.3
51.2
L
0.10
0.30
3.9
11.8
SOT323-5L MECHANICAL DATA
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com