Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4436AICT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4436AICT
Description  Adjustable 0.6V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4436AICT Datasheet(HTML) 4 Page - STMicroelectronics

  TS4436AICT Datasheet HTML 1Page - STMicroelectronics TS4436AICT Datasheet HTML 2Page - STMicroelectronics TS4436AICT Datasheet HTML 3Page - STMicroelectronics TS4436AICT Datasheet HTML 4Page - STMicroelectronics TS4436AICT Datasheet HTML 5Page - STMicroelectronics TS4436AICT Datasheet HTML 6Page - STMicroelectronics TS4436AICT Datasheet HTML 7Page - STMicroelectronics TS4436AICT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics
TS4436
4/8
3
Electrical Characteristics
Note:
Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through
correlation and by design.
Table 3.
Electrical characteristics for Tamb = 25°C, VCC = 1.8V, ISINK = 2mA unless
otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vref
Reference voltage
TS4436A 0.5%
0.597
0.6
0.603
V
-40°C < T < +85°C
0.589
0.611
Vref
Reference voltage
TS4436 1%
0.594
0.6
0.606
V
-40°C < T < +85°C
0.589
0.6
0.611
TC
Temperature coefficient
150
ppm/°C
RegLine
Change in Vref due to
change in VCC
VCC=1.7 to 10V
1
2.5
mV
-40°C < T < +85°C
2
3
RegLoad
Change in Vref due to
change in ISINK
ISINK=0.1 to 20mA
3.5
7
mV
-40°C < T < +85°C
10
ICC
Supply current
ISINK=2mA
150
200
µA
-40°C < T < +85°C
250
IREF
Change in Iref Reference
input current due to
change in ISINK
0.1< ISINK < 10mA
20
50
nA
-40°C < T < +85°C
65
VSAT
Output transistor
saturation voltage
ISINK=5mA
30
50
mV
-40°C < T < +85°C
60
ISINK=20mA
90
120
-40°C < T < +85°C
140
IOH
Output leakage current
VSINK=VCC
0.05
µA
-40°C < T < +85°C
0.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com