Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89834U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89834U Datasheet HTML 1Page - Micrel Semiconductor SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Precision Edge®
SY89832U
Micrel, Inc.
M9999-092005
hbwhelp@micrel.com or (408) 955-1690
September 2005
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) .................................. –0.5V to +4.0V
Input Voltage (V
IN) ............................... –0.5V to VCC +0.3V
LVDS Output Current (I
OUT) .................................... ±10mA
Input Current
Source or Sink Current on (IN, /IN) ..................
±50mA
VREF-AC Current
Source or Sink Current on (I
VT) .......................... ±2mA
Lead Temperature (soldering, 20sec.) ...................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage Range .......................... +2.375V to 2.625V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance(3)
MLF™
(θ
JA) Still-Air ........................................................ 60°C/W
(ψ
JB) .................................................................... 32°C/W
T
A = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply
2.375
2.5
2.625
V
I
CC
Power Supply Current
No load, max. V
CC.
75
100
mA
R
IN
Input Resistance (IN-to-VT)
45
50
55
Ω
R
DIFF-IN
Differential Input Resistance
(IN-to-/IN)
80
100
120
Ω
V
IH
Input HIGH Voltage (IN, /IN)
Note 5
V
CC–1.6
V
CC
V
V
IL
Input LOW Voltage (IN, /IN)
0
V
IH –0.1
V
V
IN
Input Voltage Swing (IN, /IN)
see Figure 2c.
0.1
1.7
V
V
DIFF_IN
Differential Input Voltage Swing
|IN – /IN|
see Figure 2d.
0.2
V
V
REF–AC
Output Reference Voltage
V
CC–1.525 VCC–1.425 VCC–1.325
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
ψ
JB and θJA values
are determined for a 4-layer board in stil-air number, unless otherrwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. V
IH (min) not lower than 1.2V.
DC ELECTRICAL CHARACTERISTICS(4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com