Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFWLB Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # CFWLB
Description  Ceramic Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CFWLB Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CFWLB Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Filter
CFWLB
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
04 Feb 2005
Murata
Old
Centre
6dB
50dB
Attenuation Insertion
Pass
Inband
Inband
Input/Output
Operating
Global Part
Model
Frequency Bandwidth Bandwidth Fc ±100kHz
Loss
Band
Ripple GDT Deviation
Impedance Temperature
Number
Number
Fc (kHz)
(kHz) min (db @ kHz)
(dB) min
(dB) max (kHz) (dB) max
(mms) max
(ohms)
Range (°C)
Standard Models
Suffix -B0 denotes bulk pack, 150pcs per box
Suffix -M0 denotes magazines - 50pcs per magazine
Features
« High selectivity
« Bandwidths from ±2.0kHz ~ 15.0kHz @ 6dB
« Excellent GDT available for digital comms
« Resin molded package for easy PCB mounting
Global part number
eg:
CFWLB455KEFA-B0
Ordering Information
Murata
Old
Centre
6dB
50dB
Attenuation Insertion
Pass
Inband
Inband
Input/Output
Operating
Global Part
Model
Frequency Bandwidth Bandwidth Fc ±100kHz
Loss
Band
Ripple GDT Deviation
Impedance Temperature
Number
Number
Fc (kHz)
(kHz) min (db @ kHz)
(dB) min
(dB) max (kHz) (dB) max
(mms) max
(ohms)
Range (°C)
Flat Group Delay Models
ACTUAL SIZE
9.80
(max)
3.50
0.15
1.60
4.30
±0.3
OUT
IN
GND
0.70
2.80
2.70
2.50
0.70
0.50
6.80
(max)
6.60
(max)
Scale 2:1
CFWLB455KB4Y-B0 CFWM455BY
455.0
±15.00
±30.00
40
6
±10.0
1.0
30
1500
-20 to +80
CFWLB455KC4Y-B0
CFWM455CY
455.0
±12.50
±27.50
40
7
±8.0
1.0
30
1500
-20 to +80
CFWLB455KD1Y-B0 CFWM455DY
455.0
±10.00
±25.00
40
8
±7.0
1.0
30
1500
-20 to +80
CFWLB455KE1Y-B0
CFWM455EY
455.0
±7.50
±20.00
40
9
±5.0
1.0
30
1500
-20 to +80
CFWLB455KF1Y-B0
CFWM455FY
455.0
±6.00
±17.50
40
10
±4.0
1.0
40
2000
-20 to +80
CFWLB455KG1Y-B0 CFWM455GY
455.0
±4.50
±15.00
40
11
±3.0
1.0
40
2000
-20 to +80
CFWLB455KBFA-B0
CFWM455B
455.0
±15.00
±30.00
35
4
±10.0
3.0
1500
-20 to +80
CFWLB455KCFA-B0
CFWM455C
455.0
±12.50
±24.00
35
4
±8.0
3.0
1500
-20 to +80
CFWLB455KDFA-B0 CFWM455D
455.0
±10.00
±20.00
35
4
±7.0
3.0
1500
-20 to +80
CFWLB455KEFA-B0
CFWM455E
455.0
±7.50
±15.00
35
6
±5.0
3.0
1500
-20 to +80
CFWLB455KFFA-B0
CFWM455F
455.0
±6.00
±12.50
35
6
±4.0
3.0
2000
-20 to +80
CFWLB455KGFA-B0 CFWM455G
455.0
±4.50
±10.00
35
6
±3.0
2.0
2000
-20 to +80
CFWLB455KHFA-B0 CFWM455H
455.0
±3.00
±9.00
55
6
±2.0
2.0
2000
-20 to +80
CFWLB455KJFA-B0
CFWM455I
455.0
±2.00
±7.50
55
7
±1.5
2.0
2000
-20 to +80


Similar Part No. - CFWLB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFWLB455K MURATA-CFWLB455K Datasheet
224Kb / 16P
Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
CFWLB455KB4Y-B0 MURATA-CFWLB455KB4Y-B0 Datasheet
224Kb / 16P
Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
Murata Manufacturing Co...
CFWLB455KB4Y-B0 MURATA1-CFWLB455KB4Y-B0 Datasheet
346Kb / 3P
Filters
04/11/2024
CFWLB455KB4Y-B0 MURATA1-CFWLB455KB4Y-B0_V01 Datasheet
346Kb / 3P
Filters
04/11/2024
logo
Murata Manufacturing Co...
CFWLB455KBFA-B0 MURATA-CFWLB455KBFA-B0 Datasheet
224Kb / 16P
Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
More results

Similar Description - CFWLB

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
CERAMIC FILTER
logo
ECS, Inc.
LPUB ECS-LPUB Datasheet
238Kb / 2P
CERAMIC FILTER
LZU450C ECS-LZU450C Datasheet
64Kb / 1P
CERAMIC FILTER
logo
Vanlong Technology Co.,...
LT10.7M VANLONG-LT10.7M Datasheet
21Kb / 1P
Ceramic Filter
LT455-U VANLONG-LT455-U Datasheet
22Kb / 1P
Ceramic Filter
LT455-W VANLONG-LT455-W Datasheet
23Kb / 1P
Ceramic Filter
logo
Oscilent Corporation
739-455-HL-C OSCILENT-739-455-HL-C Datasheet
142Kb / 2P
Ceramic Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com