Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49J/351DF Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HC49J/351DF
Description  SM Crystal Formed Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HC49J/351DF Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HC49J/351DF Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal Formed Leads
HC49J
26 Jul 2002
HC49J
3.00
0.50
11.00
(max)
5.30
(max)
13.46
0.60
3.00
4.88
0.50
1.20
SOLDER PAD LAYOUT
1.60
2.40
2.00
2.90
4.00
14.00
Features
« Ideal for custom specifications
« Fundamental mode available up to 40.0MHz
« Custom frequencies easily produced
« Tight specifications available
« Wide frequency range available
« Low cost for volume applications
« Express manufacturing service
Product name + frequency + specification code
eg:
HC49J/351DF 16.1760MHz 30/50/10/16-F
HC49J/232S3 48.0MHz 20/30/20/S-3
Ordering Information
Scale 1:1
Option
Code
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Available on T&R - 700 pcs per reel.
Refer to our website for T&R and soldering details.
Package:
Resistance weld
Frequency range: 1.80 ~ 160MHz
Calibration tolerance:
±5ppm
L
±10ppm
1
±20ppm
2
±30ppm
3
±50ppm
5
Other values (±3ppm ~ ±100ppm)
specify
Temperature stability:
±5ppm
L
±10ppm
1
±20ppm
2
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±3ppm ~ ±100ppm)
specify
Operating temperature range:
0 to +50°C
0
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental
F
3rd overtone
3
5th overtone
5
Equivalent series resistance (max):
800
(1.80 ~ 2.0MHz)
500
(>2.0 ~ 2.4MHz)
300
(>2.4 ~ 3.0MHz)
150
(>3.0 ~ 3.5MHz)
120
(>3.5 ~ 4.0MHz)
100
(>4.0 ~ 4.4MHz)
80
(>4.4 ~ 6.0MHz)
50
(>6.0 ~ 9.0MHz)
30
(>9.0 ~ 36.0MHz)
40
(25.0 ~ 90.0MHz, 3rd OT)
70
(60.0 ~ 160MHz, 5th OT)
Static capacitance (C0): 7pF max
Ageing:
±3ppm max first year
Test drive level:
100µW


Similar Part No. - HC49J/351DF

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49J AURIS-HC49J Datasheet
141Kb / 1P
Quartz SMD
HC49J AURIS-HC49J Datasheet
129Kb / 1P
Quartz SMD
logo
Golledge Electronics Lt...
HC49J GOLLEDGE-HC49J Datasheet
561Kb / 6P
Industry Standard SM Crystal with Formed Leads
HC49J GOLLEDGE-HC49J_18 Datasheet
561Kb / 6P
Industry Standard SM Crystal with Formed Leads
More results

Similar Description - HC49J/351DF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
UM1J GOLLEDGE-UM1J Datasheet
65Kb / 1P
SM Crystal Formed Leads
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
GSX49-3 GOLLEDGE-GSX49-3 Datasheet
582Kb / 5P
Low 3.2mm Profile Formed Lead SM Crystal
GSCX-26 GOLLEDGE-GSCX-26 Datasheet
536Kb / 3P
SM Low Frequency Formed Lead Cylindrical Crystal
HC49J GOLLEDGE-HC49J_18 Datasheet
561Kb / 6P
Industry Standard SM Crystal with Formed Leads
UM-5J GOLLEDGE-UM-5J Datasheet
560Kb / 5P
SM Crystal with Formed Leads for Closer Board Stacking
UM-1J GOLLEDGE-UM-1J Datasheet
573Kb / 6P
SM Crystal with Formed Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com