Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD310 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD310
Description  12V OCXO Low Profile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD310 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD310 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MS08441
10.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MS06244
13.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MS08799
50.0MHz
HCD310/BNDN ±5x10-9
±5x10-8 -20+60°C
MA02777
5.0MHz
HCD311/BNDN ±5x10-9
±5x10-8 -20+60°C
MA05180
10.0MHz
HCD311/BNDN ±5x10-9
±5x10-8 -20+60°C
MA01432
50.0MHz
HCD311/BNDN ±5x10-9
±5x10-8 -20+60°C
MA05478
Freq
Specification
Ageing
Temperature
Part No
per day
stability
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
21 Nov 2003
12V OCXO Low Profile
HCD310 & HCD311
36.10 (max)
15.00
(max)
8.90
27.20 (max)
1
2
34
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref. voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
0.50
15.00
17.80
Features
« Temperature stability down to 50ppb
« Single 12V supply (15V or 18V optional)
« Low profile compact package
« Standard European IEC CO-08 pin-out
« Custom options available
Part No, or product name + option codes + frequency
eg:
HCD310/BNDN 10.0MHz
HCD311/AMFP 20.0MHz
Option code X (eg HCD310/X) denotes a custom specification.
Ordering Information
Scale 1:1
Specifications
HCD310: Sine wave output
HCD311: HCMOS / TTL compatible output
Option
Codes
HCD310
HCD311
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
See HCD210 for chassis-mounted version of HCD310
Frequency range: 5.0 ~ 60.0MHz
5.0 ~ 50.0MHz
Ageing per day (at despatch):
< ±1x10-8
A
< ±5x10-9
B
Frequency stability:
±5x10-7 per year
±1x10-7 per 5% change in V
DD
Temperature stability: < ±1x10-7
M
< ±5x10-8
N
Operating temperature range:
-20 to +60°C
D
0 to +70°C
E
-20 to +70°C
F
Storage temperature range:
-40 to +90°C
Output waveform:
Sine wave, 1.5V p-p ±0.5V into 50
HCMOS / TTL compatible
Frequency adjustment:
±1x10-5 typ (10MHz), +0.5 to +6.0V
(sufficient for 10 years ageing min)
Stabilised +6.0V supply provided
Supply voltage (VDD):
+12V (±0.5V)
N
+15V (±0.5V)
P
+18V (±0.5V)
R
Power consumption:
4.5W max at switch on
1.0W typ when stabilised at 25°C
Warm up:
±5x10-8 after 10mins at +25°C
Phase noise (@ 10.0MHz):
< -110dBc/Hz @ 10Hz
< -130dBc/Hz @ 100Hz
< -145dBc/Hz @ 1kHz
< -150dBc/Hz @ 10kHz
< -150dBc/Hz @ 50kHz
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G
Standard Models
The table shows the most common models. In most cases
selecting one of these models will ensure the best combina-
tion of price / performance and availability.


Similar Part No. - HCD310

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD310 GOLLEDGE-HCD310 Datasheet
556Kb / 4P
12V Low Profile OCXO with Sine Output
HCD310/BNDN GOLLEDGE-HCD310/BNDN Datasheet
127Kb / 1P
12V OCXO Low Profile
HCD310 GOLLEDGE-HCD310_15 Datasheet
127Kb / 1P
12V OCXO Low Profile
HCD310 GOLLEDGE-HCD310_18 Datasheet
556Kb / 4P
12V Low Profile OCXO with Sine Output
More results

Similar Description - HCD310

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD300 GOLLEDGE-HCD300 Datasheet
62Kb / 1P
5V OCXO LOW PROFILE
HCD71 GOLLEDGE-HCD71 Datasheet
67Kb / 1P
12V OCXO Sine Output
HCD300 GOLLEDGE-HCD300_15 Datasheet
127Kb / 1P
5V OCXO Low profile
HCD310 GOLLEDGE-HCD310_15 Datasheet
127Kb / 1P
12V OCXO Low Profile
MCOCXO GOLLEDGE-MCOCXO_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output
MCOCXOS GOLLEDGE-MCOCXOS_15 Datasheet
155Kb / 2P
12V OCXO Sine Output
HCD310 GOLLEDGE-HCD310_18 Datasheet
556Kb / 4P
12V Low Profile OCXO with Sine Output
HCD311 GOLLEDGE-HCD311_18 Datasheet
553Kb / 4P
12V Low Profile OCXO with CMOS/TTL Output
HCD370 GOLLEDGE-HCD370_18 Datasheet
550Kb / 4P
12V Tight Stability OCXO with Sine Output and Low Profile
MCOCXO GOLLEDGE-MCOCXO_18 Datasheet
555Kb / 5P
12V OCXO CMOS Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com