Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD660/FTFN Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD660/FTFN
Description  OCXO Sine Output High Performance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD660/FTFN Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD660/FTFN Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Freq
Specification
Ageing
Temperature
Part No
per day
stability
5.0MHz
HCD660/DRFN
±1x10-9
±1x10-8 -20+70°C
MS06938
5.0MHz
HCD660/FTFN
±2x10-10
±3x10-9 -20+70°C
MS06940
10.0MHz
HCD660/DRFN
±1x10-9
±1x10-8 -20+70°C
MS06937
10.0MHz
HCD660/FTFN
±2x10-10
±3x10-9 -20+70°C
MS06939
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
12 Dec 2003
OCXO Sine Output High Performance
HCD660
24.50
(max)
1.00Ø
51.00 (max)
41.00
(max)
321
45
PIN
1
2
3
4
5
CONNECTION
Ground
Freq adjustment
Ref voltage out
Supply
RF output
21.00
21.00
32.00
10k multi-turn
BOTTOM VIEW
5.60
25.00
VOLTAGE CONTROL
3
2
1
1k
16.00
0.50
Features
« Temperature stability down to 3ppb
« Single 12V supply (12V ~ 30V optional)
« Standard European pin-out
« Custom options available
Part No, or product name + option codes + frequency
eg:
HCD660/FTFN 10.0MHz
HCD660/DRFN 5.0MHz
Option code X (eg HCD660/X) denotes a custom specification.
Ordering Information
Scale 1:1
Specifications
Option
Codes
HCD660
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Standard Models
Frequency range: 5.0 ~ 20.0MHz
Ageing per day (at despatch):
< ±1x10-9
D
< ±5x10-10
E
< ±2x10-10
F
Frequency stability:
< ±1x10-7 per year (option D)
< ±2x10-8 per year (option F)
< ±1x10-9 per 10% change in V
DD
< ±5x10-10 per 10% change in load
Short term stability:
< ±1x10-12 over 1 sec (5.0MHz)
Temperature stability: < ±1x10-8
R
< ±5x10-9
S
< ±3x10-9
T
Operating temperature range:
0 to +50°C
A
-10 to +60°C
C
-20 to +70°C
F
-40 to +70°C
G
Storage temperature range:
-40 to +90°C
Output waveform:
Sine wave, 7dBm (±1dBm) into 50
Other options to +13dBm max
specify
Frequency adjustment:
±5x10-7 (typ) over +0.5 to +7.0V
(sufficient for 10 years ageing min)
Stabilised +7.0V supply provided
Supply voltage (VDD):
+12V (±0.5V)
N
+15V (±0.5V)
P
Other options from 12~30V
specify
Power consumption:
5.0W max at switch on
1.2W typ when stabilised at 25°C
Warm up:
< ±1x10-8 after 8mins at +20°C
Phase noise (@ 10.0MHz):
< -130 dBc/Hz @ 10Hz
< -140 dBc/Hz @ 100Hz
< -155 dBc/Hz @ 1kHz
< -158 dBc/Hz @ 10kHz
< -160 dBc/Hz @ 50kHz
Harmonics:
< -30dB wrt carrier
Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G


Similar Part No. - HCD660/FTFN

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD660 GOLLEDGE-HCD660 Datasheet
556Kb / 4P
High Performance OCXO with Sine Output and European pin-out
HCD660 GOLLEDGE-HCD660_18 Datasheet
556Kb / 4P
High Performance OCXO with Sine Output and European pin-out
More results

Similar Description - HCD660/FTFN

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
OCXO Sine Output
HCD170 GOLLEDGE-HCD170 Datasheet
49Kb / 1P
OCXO Sine Output
HCD210 GOLLEDGE-HCD210 Datasheet
65Kb / 1P
OCXO Sine Output
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
HCD370 GOLLEDGE-HCD370 Datasheet
55Kb / 1P
OCXO SINE OUTPUT
HCD360 GOLLEDGE-HCD360_15 Datasheet
134Kb / 1P
OCXO Sine Output
HCD380 GOLLEDGE-HCD380 Datasheet
114Kb / 1P
OCXO Sine Output VHF
MCOCXOVS GOLLEDGE-MCOCXOVS_15 Datasheet
155Kb / 2P
5V OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS_15 Datasheet
149Kb / 2P
3.3V OCXO Sine Output
HCD220 GOLLEDGE-HCD220_18 Datasheet
575Kb / 4P
OCXO Sine Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com