Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH89F52F/044FR Datasheet(PDF) 1 Page - SINOWEALTH Electronic Ltd

Part # SH89F52F/044FR
Description  8051 Microcontroller with 10bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH89F52F/044FR Datasheet(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH89F52F/044FR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH89F52F/044FR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
SH88F516(SH88F54/SH89F52)
8051 Microcontroller with 10bit ADC
1
V2.5
1.
Features (All of the flowing contents are from SH88F516; The characteristics of SH88F54/SH89F52 is
slightly different from SH88F516, see “Product Information” section)
8bits micro-controller with Pipe-line structured 8051
compatible instruction set
Flash ROM: 64K Bytes
RAM: internal 256 Bytes, external 1024 Bytes
EEPROM-like: 1K Bytes
Operation Voltage:
VDD = 3.6V - 5.5V,fOSC = 30kHz - 16.6MHz
Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 400kHz - 16.6MHz
- Ceramic oscillator: 400kHz - 16.6MHz
- Internal RC: 16.6MHz
- External clock:30kHz-16.6MHz
40 CMOS bi-directional I/O pins (Quasi-Bi mode,
Push-Pull mode, Input-Only mode and Open-Drain
mode)
Three 16-bit timer/counters T0, T1 & T2
Powerful interrupt sources:
- Timer0, 1, 2
- INT0, INT1, INT4 (8 input)
- EUART0, EUART1, SPI, PWM, SCM, LPD
- ADC, CMP0, CMP1
Three 8-bit PWM
Two built-in comparator (CMP)
EUART0 & EUART1
SPI interface (Master/Slave Mode)
8channels 10-bits Analog Digital Converter (ADC)
Low Voltage Detect (LPD)
Low Voltage Reset (LVR) function (enabled by
code option)
- LVR voltage level 1: 4.3V
- LVR voltage level 2: 3.7V
CPU Machine cycle: 1 oscillator clock
Watch Dog Timer (WDT)
Warm-up Timer
System Clock Monitor (SCM)
Support Low power operation modes:
- Idle Mode
- Power-Down Mode
Low power consumption
Package:
- QFP44
- TQFP48
- LQFP44
2.
General Description
The SH88F516 is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch
structure, that helps the SH88F516 can perform more fast operation speed and higher calculation performance, if compare
SH88F516 with standard 8051 at same clock speed.
The SH88F516 retains most features of the standard 8051. These features include internal 256 bytes RAM, two 16-bit
timer/counter,UART and INT0-1.In addition, SH88F516 provides external 1024 bytes RAM, It also contains 16-bit timer/counter
(Timer2) and 64K bytes Flash memory block both for program and data. Also ADC, PWM and CMP are incorporated in
SH88F516.
For high reliability and low power consumption, SH88F516 builds in Watchdog Timer, Low Voltage Reset function, LPD
function and SCM function. And SH88F516 also supports two power saving modes to reduce power consumption.


Similar Part No. - SH89F52F/044FR

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SH89BK MULTICOMP-SH89BK Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
SH89BL MULTICOMP-SH89BL Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
SH89GY MULTICOMP-SH89GY Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
SH89RD MULTICOMP-SH89RD Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
SH89WT MULTICOMP-SH89WT Datasheet
187Kb / 1P
Insulation Tape
08/06/22 V1.0
More results

Similar Description - SH89F52F/044FR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com