Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO/BE Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO/BE
Description  5V CMOS Oscillator MIL Temp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO/BE Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO/BE Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
18 Oct 2004
5V CMOS Oscillator Mil Temp
MCSO & MCSOH
ACTUAL SIZE
7.30
5.08
43
2
1
1.30
1.30
2.40
14.10
9.30
TOP VIEW
43
12
5.62
3.08
2.00
PAD
1
2
3
4
CONNECTION
Not connected or
Enable/Disable
Ground
Output
Supply
2.00
2.00
2.00
Product name + option codes (if any) + frequency
eg:
MCSO/BE 16.0MHz ±100ppm -40 to +85°C Enable / disable
MCSOH/TAJ 80.0MHz ±50ppm 0 to +70°C,J-leads
Option code X (eg MCSO/X) denotes a custom specification.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
MCSO: 10.0kHz ~ 20.0MHz
MCSOH: 20.0 ~ 160MHz
Available on T&R (1k pcs/reel) or trays (50pcs/tray).
Refer to our website for T&R and soldering details.
Features
« Military temperature range option
« Excellent shock & vibration resistance
« Enable / disable tristate option (> 500kHz)
« J-leads option
Option
Codes
MCSO
MCSOH
Product
Parameters
Frequency range:
10.0kHz ~ 20.0MHz
20.0 ~ 160MHz
Frequency stability*:
±100ppm
±50ppm
T
tighter stabilities on request
specify
Operating temperature range:
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Operable temperature range:
-55 to +125°C
Storage temperature range:
-65 to +125°C
Supply voltage (VDD):
+5.0V (±10%)
Supply current (max):
15mA
50mA
Driving ability: CMOS / 10 LSTTL
Logic levels: ‘0' level = +0.4V max
‘1' level = 90%V
DD min
Start up time:
5ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Rise / fall times:
7ns max
3ns max
Enable / disable function:
None (pad 1 NC)
Tristate* (control via pad 1)
E
* not available under 500kHz
Terminations:
Stand-offs
J-leads (drawing on request)
J
Shock resistance:
5,000G, 0.3ms, ½ sine
Vibration resistance:
10G rms 10.0 ~ 2,000Hz
Soldering condition:
260°C, 10 sec max
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply
voltage change, load change and ageing over 10 years.
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Enable / Disable Function
Input (pad 1)
Output (pad 3)
10.00000*
10.15000*
10.23000*
10.24000*
11.05920*
12.00000*
12.28800*
12.80000*
13.00000*
14.74560*
16.00000*
16.38400*
18.43200*
19.20000*
19.66080*
20.00000*
40.00000
40.60000
40.96000
44.23680
48.00000
49.15200
50.00000
50.75000
51.15000
51.20000
52.00000
55.29600
58.98240
60.00000
60.90000
61.38000
61.44000
64.00000
65.00000
65.53600
66.35520
72.00000
73.72800
76.80000
78.00000
80.00000
81.20000
81.84000
81.92000
88.47360
90.00000
96.00000
98.30400
100.00000
102.40000
104.00000
108.00000
110.59200
117.96400
120.00000
125.00000
128.00000
131.07200
132.71040
144.00000
150.00000
160.00000
Frequencies in MHz
* Binary divisions of the above frequencies also available.
Standard Frequencies


Similar Part No. - MCSO/BE

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO MICROCRYSTAL-MCSO Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
logo
Golledge Electronics Lt...
MCSO GOLLEDGE-MCSO Datasheet
566Kb / 4P
Low Frequency 5.0V CMOS Oscillator with -55125째C Temperature Range
logo
List of Unclassifed Man...
MCSO1 ETC1-MCSO1 Datasheet
68Kb / 1P
3.3V SM Oscillator Mil Temp
logo
Golledge Electronics Lt...
MCSO1 GOLLEDGE-MCSO1 Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1 Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
More results

Similar Description - MCSO/BE

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1 GOLLEDGE-MCSO1 Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
MCSO1HV GOLLEDGE-MCSO1HV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Mil Temp
MCSOV GOLLEDGE-MCSOV Datasheet
67Kb / 1P
3.3V CMOS Oscillator Mil Temp
GXO5351 GOLLEDGE-GXO5351 Datasheet
58Kb / 1P
5V CMOS Oscillator
GXO7551 GOLLEDGE-GXO7551 Datasheet
93Kb / 2P
5V CMOS Oscillator
GXOU113 GOLLEDGE-GXOU113 Datasheet
65Kb / 1P
3.3V & 5V CMOS Oscillator
GXOU115 GOLLEDGE-GXOU115 Datasheet
59Kb / 1P
3.3V & 5V CMOS Oscillator
GXO-5351 GOLLEDGE-GXO-5351_16 Datasheet
142Kb / 1P
5V CMOS Oscillator
GXO-7551 GOLLEDGE-GXO-7551_16 Datasheet
188Kb / 2P
5V CMOS Oscillator
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
3.3V & 5V CMOS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com