Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6375 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS6375
Description  Flanged inlet, locking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS6375 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS6375 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION SHEET
2655 Napa Valley Corporate Dr., Napa, CA 94558
(707) 226-8600 FAX: (707) 226-9670
Date: December, 1998
Rev: 00
Flanged Inlet, Locking
50A, 125/250V
3-Pole, 4-Wire
Catalog Number: CS6375
Item:
Flanged inlet, locking.
Rating:
50 amperes, 125/250 volts, single-phase, 3-pole, 4-wire.
Materials:
Flange is nylon.
Plug body is nylon with a CTI greater than 600 volts.
Terminals:
Tempered brass, lug style, Perma-Lock™ design, with 5/16" brass screws.
Terminal Marking:
Terminal lugs are color coded.
Ground wire entrance hot stamped green and marked "G."
Neutral wire entrance hot stamped white and marked "W."
Phase wire entrances colored red and black and marked "X" and "Y."
Blades:
Blades are solid brass 0.10” thick.
Certifications:
Underwriters Laboratories, Inc.
File E57672
Canadian Standards Association File LR81290
Dimensions:


Similar Part No. - CS6375

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
CS6375 HUBBELL-CS6375 Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
More results

Similar Description - CS6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBL2815 ETC2-HBL2815 Datasheet
189Kb / 3P
HBL2815 -- Twist-Lock Flanged Inlet
logo
Molex Electronics Ltd.
130149-0016 MOLEX11-130149-0016 Datasheet
41Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
130149-0029 MOLEX11-130149-0029 Datasheet
41Kb / 1P
Safeway Flanged Inlet with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
130149-0048 MOLEX11-130149-0048 Datasheet
42Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
130149-0049 MOLEX11-130149-0049 Datasheet
42Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V
130155-0137 MOLEX11-130155-0137 Datasheet
43Kb / 1P
Safeway Single Flanged Inlet with California Style Locking Blade, 3 Pole/4 Wire,
130155-0159 MOLEX11-130155-0159 Datasheet
43Kb / 1P
Safeway Single Flanged Inlet with California Style Locking Blade, 3 Pole/4 Wire,
1301430014 MOLEX11-1301430014 Datasheet
33Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/2 Wire, NEMA L1-15, 125V
1301490027 MOLEX11-1301490027 Datasheet
39Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V
1301490051 MOLEX11-1301490051 Datasheet
33Kb / 1P
Safeway Flanged Inlet with Locking Blade, 3 Pole/4 Wire, NEMA L14-30, 250V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com