Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO1FV/A Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO1FV/A
Description  3.3V CMOS Oscillator Low Jitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO1FV/A Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO1FV/A Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequencies in MHz
3.3V CMOS Oscillator Low Jitter
MCSO1FV
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
18 Oct 2004
Option
Codes
MCSO1FV
Product
Parameters
7.86
3.60
2.00
2.10
12
3
4
2.10
1.10
2.10
2.54
3.30
2.54
TOP VIEW
43
12
1.00
ACTUAL SIZE
PAD
1
2
3
4
CONNECTION
Not connected or
Enable/Disable
Ground
Output
Supply
Product name + option codes (if any) + frequency
eg:
MCSO1FV/A 80.0MHz ±100ppm 0 to +70°C
MCSO1FV/TBE 120MHz ±50ppm -40 to +85°C Enable / disable
Option code X (eg MCSO1FV/X) denotes a custom specification.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Packed in trays (91pcs/tray).
Features
« Low jitter
« Military temperature range option
« Excellent shock & vibration resistance
« Enable / disable tristate option
Specifications
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply
voltage change, load change and ageing over 10 years.
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Enable / Disable Function
Input (pad 1)
Output (pad 3)
Other frequencies available. Please consult our sales office.
Standard Frequencies
40.00000
40.60000
40.96000
44.23680
48.00000
49.15200
50.00000
50.75000
51.15000
51.20000
52.00000
55.29600
58.98240
60.00000
60.90000
61.38000
61.44000
64.00000
65.00000
65.53600
66.35520
72.00000
73.72800
76.80000
78.00000
80.00000
81.20000
81.84000
81.92000
88.47360
90.00000
96.00000
98.30400
100.00000
102.40000
104.00000
108.00000
110.59200
117.94600
120.00000
125.00000
128.00000
131.07200
132.71040
144.00000
150.00000
160.00000
Frequency range: 40.0 ~ 160MHz
Frequency stability*:
±100ppm
±50ppm
T
tighter stabilities on request
specify
Operating temperature range:
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Operable temperature range:
-55 to +125°C
Storage temperature range:
-65 to +125°C
Supply voltage (VDD):
+3.3V (±5%)
Supply current (max):
30mA
Driving ability:
CMOS
Logic levels: ‘0' level = +0.4V max
‘1' level = V
DD-0.5V min
Start up time:
5ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Jitter:
1ps max
Rise / fall times:
3ns max
Enable / disable function:
None (pad 1 NC)
Tristate (control via pad 1)
E
Shock resistance:
5,000G, 0.3ms, ½ sine
Vibration resistance:
10G rms 10.0 ~ 2,000Hz
Soldering condition:
260°C, 10 sec max


Similar Part No. - MCSO1FV/A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1FV/CE GOLLEDGE-MCSO1FV/CE Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
More results

Similar Description - MCSO1FV/A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
3.3V CMOS Oscillator Low Jitter
logo
List of Unclassifed Man...
FD2450017 ETC2-FD2450017 Datasheet
260Kb / 3P
3.3V CMOS Low Jitter XO
logo
Golledge Electronics Lt...
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
CMOS Oscillator Low Jitter
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
logo
Pericom Semiconductor C...
FD-3.3V PERICOM-FD-3.3V Datasheet
260Kb / 3P
3.3V CMOS Low Jitter XO
FJ-3.3V PERICOM-FJ-3.3V Datasheet
601Kb / 2P
3.3V CMOS Low Jitter XO
logo
Golledge Electronics Lt...
GXO-2201L GOLLEDGE-GXO-2201L Datasheet
590Kb / 5P
3.3V CMOS Oscillator with Low Jitter
MCSO1FV GOLLEDGE-MCSO1FV_18 Datasheet
551Kb / 4P
3.3V CMOS Oscillator with Low Jitter
MCSO1FHV GOLLEDGE-MCSO1FHV Datasheet
551Kb / 4P
3.3V CMOS Oscillator with Low Jitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com