Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSOV/BE Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSOV/BE
Description  3.3V CMOS Oscillator Mil Temp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSOV/BE Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSOV/BE Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
3.3V CMOS Oscillator Mil Temp
MCSOV & MCSOHV
18 Oct 2004
Features
« Military temperature range option
« Excellent shock & vibration resistance
« Enable / disable tristate option (> 500kHz)
« J-leads option
ACTUAL SIZE
7.30
5.08
43
2
1
1.30
1.30
2.40
14.10
9.30
TOP VIEW
43
12
5.62
3.08
2.00
PAD
1
2
3
4
CONNECTION
Not connected or
Enable/Disable
Ground
Output
Supply
2.00
2.00
2.00
Scale 2:1
Product name + option codes (if any) + frequency
eg:
MCSOV/BE 16.0MHz ±100ppm -40 to +85°C Enable / disable
MCSOHV/TAJ 120MHz ±50ppm 0 to +70°C,J-leads
Option code X (eg MCSOV/X) denotes a custom specification.
Ordering Information
Option
Codes
MCSOV MCSOHV
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
MCSOV: 10.0kHz ~ 20.0MHz
MCSOHV: 20.0 ~ 160MHz
Available on T&R (1k pcs/reel) or trays (50pcs/tray).
Refer to our website for T&R and soldering details.
Frequency range:
10.0kHz ~ 20.0MHz
20.0 ~ 160MHz
Frequency stability*:
±100ppm
±50ppm
T
tighter stabilities on request
specify
Operating temperature range:
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Operable temperature range:
-55 to +125°C
Storage temperature range:
-65 to +125°C
Supply voltage (VDD):
+3.3V (±10%)
Supply current (max):
10mA
30mA
Driving ability:
CMOS
Logic levels: ‘0' level = +0.4V max
‘1' level = 90%V
DD min
Start up time:
5ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Rise / fall times:
7ns max
3ns max
Enable / disable function:
None (pad 1 NC)
Tristate* (control via pad 1)
E
* not available under 500kHz
Terminations:
Stand-offs
J-leads (drawing on request)
J
Shock resistance:
5,000G, 0.3ms, ½ sine
Vibration resistance:
10G rms 10.0 ~ 2,000Hz
Soldering condition:
260°C, 10 sec max
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply
voltage change, load change and ageing over 10 years.
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Enable / Disable Function
Input (pad 1)
Output (pad 3)
10.00000*
10.15000*
10.23000*
10.24000*
11.05920*
12.00000*
12.28800*
12.80000*
13.00000*
14.74560*
16.00000*
16.38400*
18.43200*
19.20000*
19.66080*
20.00000*
40.00000
40.60000
40.96000
44.23680
48.00000
49.15200
50.00000
50.75000
51.15000
51.20000
52.00000
55.29600
58.98240
60.00000
60.90000
61.38000
61.44000
64.00000
65.00000
65.53600
66.35520
72.00000
73.72800
76.80000
78.00000
80.00000
81.20000
81.84000
81.92000
88.47360
90.00000
96.00000
98.30400
100.00000
102.40000
104.00000
108.00000
110.59200
117.96400
120.00000
125.00000
128.00000
131.07200
132.71040
144.00000
150.00000
160.00000
Frequencies in MHz
* Binary divisions of the above frequencies also available.
Standard Frequencies


Similar Part No. - MCSOV/BE

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSOV MICROCRYSTAL-MCSOV Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
logo
Golledge Electronics Lt...
MCSOV GOLLEDGE-MCSOV Datasheet
567Kb / 4P
Excellent shock & vibration resistance
logo
MICORO CRYSTAL SWITZERL...
MCSOVT MICROCRYSTAL-MCSOVT Datasheet
75Kb / 2P
SMD Ceramic Clock-Oscillator
logo
Golledge Electronics Lt...
MCSOV GOLLEDGE-MCSOV_18 Datasheet
567Kb / 4P
Excellent shock & vibration resistance
More results

Similar Description - MCSOV/BE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCSO1V ETC1-MCSO1V Datasheet
68Kb / 1P
3.3V SM Oscillator Mil Temp
logo
Golledge Electronics Lt...
MCSO GOLLEDGE-MCSO Datasheet
69Kb / 1P
5V CMOS Oscillator MIL Temp
MCSO1 GOLLEDGE-MCSO1 Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
MCSO1HV GOLLEDGE-MCSO1HV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Mil Temp
GXO5331 GOLLEDGE-GXO5331 Datasheet
58Kb / 1P
3.3V CMOS Oscillator
GXO7531 GOLLEDGE-GXO7531 Datasheet
93Kb / 2P
3.3V CMOS Oscillator
GXO-3301 GOLLEDGE-GXO-3301_16 Datasheet
146Kb / 2P
1.8 ~ 3.3V CMOS Oscillator
GXO-7531 GOLLEDGE-GXO-7531_16 Datasheet
189Kb / 2P
3.3V CMOS Oscillator
GXO-U120 GOLLEDGE-GXO-U120 Datasheet
173Kb / 2P
1.8 ~ 3.3V CMOS Oscillator
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
3.3V CMOS Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com