Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2V Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MS2V
Description  SM Watch Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MS2V Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MS2V Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32.000
32.768
38.400
75.000
76.800
77.500
SM Watch Crystal
MS2V
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
03 Mar 2004
Option
Codes
1.50
5.20
2.00
1.27
0.20
1.00
1.50
0.60
2.00
ACTUAL SIZE
1.60
2.00
3.80
0.70
SOLDER PAD LAYOUT
1.58
(max)
Features
« Unique square profile case for pick & place
« Low cost
« Miniature size for high density applications
« High shock & vibration resistance
« Wide temperature range
MS2V
Product
Parameters
Product name + termination + frequency + calibration tol.
eg:
MS2V-T1S 32.768kHz ±20ppm (standard)
Option code X (eg MS2V-T1S/X) denotes a custom spec.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Specifications
Available on T&R - 9k pcs per reel.
Refer to our website for T&R and soldering details.
Specifications vary by frequency. Specifications shown are for
32.768kHz.
Standard Frequencies
Frequencies in kHz
Termination:
Gold flashed leads, 1.27mm pitch
T1S
Tin plated leads, 1.27mm pitch
T2S
Frequency range:
32.768kHz
32.0 ~ 200kHz
specify
Calibration tolerance:
±20ppm
±30ppm
specify
±100ppm
specify
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Circuit condition:
12.5pF
other values
specify
Static capacitance (C0): 0.9pF typ
Motional capacitance (C1):
2.1fF typ
Equivalent series resistance:
60k
typ, 90k
max @ 25°C
Ageing:
±3ppm max first year
Drive level:
1.0µW max
Turnover temperature (T0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10% typ
Shock resistance:
±5ppm max 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm max 20g rms 10.0 ~ 2,000Hz
Soldering conditions:
260°C, 20sec max


Similar Part No. - MS2V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MS2V GOLLEDGE-MS2V Datasheet
59Kb / 1P
SM Watch Crystal
logo
MICORO CRYSTAL SWITZERL...
MS2V-T1S MICROCRYSTAL-MS2V-T1S Datasheet
116Kb / 2P
Tuning Fork Crystal 30 kHz - 200 kHz
logo
Golledge Electronics Lt...
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
More results

Similar Description - MS2V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MS1V GOLLEDGE-MS1V Datasheet
56Kb / 1P
SM Watch crystal
GSX200 GOLLEDGE-GSX200 Datasheet
56Kb / 1P
SM Watch Crystal
GSX-218 GOLLEDGE-GSX-218 Datasheet
51Kb / 1P
SM Watch Crystal
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
SM Watch Crystal
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
CC4V GOLLEDGE-CC4V_16 Datasheet
125Kb / 1P
SM Watch Crystal
CC5V GOLLEDGE-CC5V_16 Datasheet
125Kb / 1P
SM Watch Crystal
CM7V GOLLEDGE-CM7V Datasheet
120Kb / 1P
SM Watch Crystal
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
SM Watch Crystal
CM9V GOLLEDGE-CM9V Datasheet
122Kb / 1P
SM Watch Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com