Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3V Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MS3V
Description  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MS3V Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MS3V Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
32.768
38.400
75.000
76.800
77.500
SM Crystal
MS3V
03 Mar 2004
Option
Codes
ACTUAL SIZE
1.40
5.20
1.50
1.0
0.20
0.50
1.40
0.30
1.5
1.10
2.00
3.80
0.60
SOLDER PAD LAYOUT
1.48
(max)
Features
« Unique square profile case for pick & place
« Low cost
« Miniature size for high density applications
« High shock & vibration resistance
« Wide temperature range
MS3V
Product
Parameters
Product name + termination + frequency + calibration tol.
eg:
MS3V-T1R 32.768kHz ±20ppm (standard)
Option code X (eg MS3V-T1R/X) denotes a custom spec.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Specifications
Available on T&R - 9k pcs per reel.
Refer to our website for T&R and soldering details.
Specifications vary by frequency. Specifications shown are for
32.768kHz.
Standard Frequencies
Frequencies in kHz
Termination:
Gold flashed leads, 1.00mm pitch
T1R
Gold flashed leads, 1.27mm pitch
T1S
Frequency range:
32.768kHz
32.0 ~ 200kHz
specify
Calibration tolerance:
±20ppm
±30ppm
specify
±100ppm
specify
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Circuit condition:
12.5pF
other values
specify
Static capacitance (C0): 0.9pF typ
Motional capacitance (C1):
2.1fF typ
Equivalent series resistance:
60k
typ, 90k
max @ 25°C
Ageing:
±3ppm max first year
Drive level:
1.0µW max
Turnover temperature (T0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 ±10% typ
Shock resistance:
±5ppm max 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm max 20g rms 10.0 ~ 2,000Hz
Soldering conditions:
260°C, 20sec max


Similar Part No. - MS3V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MS3V GOLLEDGE-MS3V Datasheet
58Kb / 1P
SM Crystal
logo
MICORO CRYSTAL SWITZERL...
MS3V-T1N MICROCRYSTAL-MS3V-T1N Datasheet
222Kb / 2P
Tuning Fork Crystal 32 kHz ??100 kHz
MS3V-T1N MICROCRYSTAL-MS3V-T1N Datasheet
745Kb / 2P
Tuning Fork Crystal 30 kHz ??200 kHz
MS3V-T1R MICROCRYSTAL-MS3V-T1R Datasheet
114Kb / 2P
Tuning Fork Crystal 30 kHz - 200 kHz
logo
Golledge Electronics Lt...
MS3V-T1R GOLLEDGE-MS3V-T1R Datasheet
121Kb / 1P
SM Crystal
More results

Similar Description - MS3V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com