Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75LVUTR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS75LVUTR
Description  Digital Thermometer and Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LVUTR Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS75LVUTR Datasheet HTML 1Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 2Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 3Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 4Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 5Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 6Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 7Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 8Page - Maxim Integrated Products DS75LVUTR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS75LV: Digital Thermometer and Thermostat
2 of 13
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD, Relative to Ground
-0.3V to +4.0V
Voltage on Any Other Pin, Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
-55
°C to +125°C
Storage Temperature Range
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS75LV is built to the highest quality standards and manufactured for long-term
reliability. All Dallas Semiconductor devices are made using the same quality materials and manufacturing
methods. However, the DS75LV is not exposed to environmental stresses, such as burn-in, that some industrial
applications require. For specific reliability information on this product, please contact the factory in Dallas at (972)
371-4448.
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; 1.7V
£ VDD £ 3.7V.)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Supply Voltage
VDD
(Note 10)
1.7
3.7
V
-25 to +100
± 2.0
Thermometer Error
(Note 2)
TERR
-55 to +125
± 3.0
°C
Input Logic High
VIH
(Note 1)
0.7 × VDD
5.5
V
Input Logic Low
VIL
(Note 1)
-0.5
0.3 × VDD
V
VOL1
3mA sink current
0
0.4
SDA Output Logic Low
Voltage (Note 1)
VOL2
6mA sink current
0
0.6
V
O.S. Saturation Voltage
VOL
4mA sink current
(Notes 1, 2)
0.8
V
Input current each I/O pin
0.4 < VI/O< 0.9 VDD
-10
+10
mA
I/O Capacitance
CI/O
10
pF
Standby Current
IDD1
(Notes 3, 4)
2
mA
Active Temp
Conversions
1000
Active Current
(Notes 3, 4)
IDD
Communication only
100
mA
AC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; 1.7V
£ VDD £ 3.7V.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Resolution
9
12
bits
9-bit conversions
25
10-bit conversions
50
11-bit conversions
100
Temperature Conversion
Time
tCONVT
12-bit conversions
200
ms
SCL Frequency
fSCL
400
KHz
Bus Free Time Between a
STOP and START
Condition
tBUF
(Note 5)
1.3
ms
START and Repeated
START Hold Time from
tHD:STA
(Notes 5, 6)
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com